Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPPW812300 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPW812300
Description  One-way Operation Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPW812300 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPPW812300 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPW812300 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPW812300 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPW812300 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
30
30
One-way Operation Type
SPPW8
2-ø1 hole
ø1.6 hole
1.5 1.5
1.1
1.1
ø1.6 hole
2-ø1 hole
ø1.6 hole
1.5 1.5
1.1
1.1
ø1.6 hole
1. □ Mark shows a cutting terminal.
2. Contact us for other terminal types.
Notes
Unit:mm
Dimensions
Style
PC board mounting hole dimensions
(Viewed from direction A)
No.
1
Reflow
Reflow
2
Dip
3
4
Dip
Circuit Diagram
Terminal No.
1
2
3
4
5
6
Dip
Reflow
Terminal No.
1
2
3
4
5
6
Terminal Layout(Viewed from Direction A)
Dip
Reflow
123
4
5
6
123
4
5
6
1. Dimensions drawing is for type with location lugs.
2. Products without location lug are also available.
Notes
5
1.5 1.5
5-0.6
Terminal No.1
h
0.6
0.25
4
4.3
h2
h1
ON starting position
Total travel position
Location lug
A
Terminal No.1
5
1.5
5-0.6
4
4.3
h
0.6
2.5
1.5
ON starting position
Total travel position
Location lug
h2
h1
A
0.6
Location lug
Total travel position
ON starting position
8.6
9.8
0.25
10.3
4
5
1.5
1.5
5-0.6
Terminal No.1
6
A
0.6
Location lug
Total travel position
ON starting position
8.6
9.8
2.5
10.3
4
6
5
1.5
5-0.6
1.5
Terminal No.1
A


Similar Part No. - SPPW812300

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPW812300 ALPS-SPPW812300 Datasheet
305Kb / 4P
   One-way Operation Type
More results

Similar Description - SPPW812300

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPW8 ALPS-SPPW8 Datasheet
305Kb / 4P
   One-way Operation Type
SPVC1 ALPS-SPVC1 Datasheet
152Kb / 2P
   One-way Operation Type
SPVE ALPS-SPVE Datasheet
305Kb / 4P
   Compact One-way Operation Type
SPVE ALPS-SPVE_15 Datasheet
883Kb / 4P
   Compact One-way Operation Type
SPVP ALPS-SPVP Datasheet
187Kb / 3P
   Low-profile One-way Operation Type
logo
List of Unclassifed Man...
SPVE ETC2-SPVE Datasheet
102Kb / 5P
   Compact One-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPVF ALPS-SPVF Datasheet
430Kb / 4P
   Two-way Operation Type
logo
Panasonic Semiconductor
DN8797MS PANASONIC-DN8797MS Datasheet
197Kb / 11P
   3V operation Hall IC One-way magnetic field operation
logo
ALPS ELECTRIC CO.,LTD.
SPVM ALPS-SPVM Datasheet
323Kb / 4P
   Compact Two-way Operation Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
   Compact Two-way Operation Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com