Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M6G Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # M6G
Description  SURFACE MOUNT GLASS GENERAL RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

M6G Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  M6G Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. M6G Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M1G THRU M7G
SURFACE MOUNT GLASS GENERAL RECTIFIER
Reverse Voltage – 50 to 1000 V
Forward Current – 1 A
Features
For surface mounted applications
Low profile package
Built-in strain relief
Easy pick and place
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Glass passivated chip junction
Mechanical Data
Case: SMA (DO-214AC), molded plastic.
Terminals: Solder plated, solderable per MIL-STD-750
Method 2026
Polarity: Indicated by cathode band.
Absolute Maximum Ratings and Characteristics
Ratings at 25OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Paramter
Symbols M1G M2G M3G
M4G
M5G
M6G
M7G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
at TL = 100 OC
I(AV)
1
A
Peak Forward Surge Current 8.3ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method)
IFSM
30
A
Maximum Instantaneous Forward Voltage at 1 A
VF
1.1
V
Maximum DC Reverse Current
at TA = 25 OC
at Rated DC Blocking Voltage
at TA = 125 OC
IR
5
50
µA
Typical Junction Capacitance
1)
CJ
12
pF
Typical Thermal Resistance
2)
RθJL
30
O
C/W
Operating and Storage Temperature Range
TJ ,TS
- 55 to + 150
O
C
1) Measured at 1 MHz and applied V
R = 4 V.
2) 8 mm2 (0.013 mm thick) land areas.
www.shunyegroup.com.cn


Similar Part No. - M6G

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
M6G SEMTECH_ELEC-M6G Datasheet
157Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Yangzhou yangjie electr...
M6G YANGJIE-M6G Datasheet
200Kb / 2P
   General Purpose Rectifier
logo
Microdiode Electronics ...
M6G CHENDA-M6G Datasheet
556Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
M6G CHENDA-M6G Datasheet
505Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Rectron Semiconductor
M6G RECTRON-M6G Datasheet
163Kb / 6P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results

Similar Description - M6G

ManufacturerPart #DatasheetDescription
logo
Olitech Electronics Co....
S1A OLITECH-S1A Datasheet
587Kb / 2P
   GLASS PASSIVATED SURFACE MOUNT GENERAL RECTIFIER
logo
Thinki Semiconductor Co...
S6A THINKISEMI-S6A Datasheet
655Kb / 2P
   6.0 Ampere Surface Mount Glass Passivated General Purpose Rectifier
logo
Shanghai Sunrise Electr...
S3A SSE-S3A Datasheet
16Kb / 1P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S1G-TR VISHAY-S1G-TR Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 19-Aug-13
GF1GHE3-5CA VISHAY-GF1GHE3-5CA Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-13
S2JHE3-52T VISHAY-S2JHE3-52T Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com