Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2003AIN Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2003AIN
Description  High-Voltage, High-Current Darlington Transistor Arrays
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2003AIN Datasheet(HTML) 12 Page - Texas Instruments

Back Button ULN2003AIN Datasheet HTML 8Page - Texas Instruments ULN2003AIN Datasheet HTML 9Page - Texas Instruments ULN2003AIN Datasheet HTML 10Page - Texas Instruments ULN2003AIN Datasheet HTML 11Page - Texas Instruments ULN2003AIN Datasheet HTML 12Page - Texas Instruments ULN2003AIN Datasheet HTML 13Page - Texas Instruments ULN2003AIN Datasheet HTML 14Page - Texas Instruments ULN2003AIN Datasheet HTML 15Page - Texas Instruments ULN2003AIN Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
COM
Output C
E
Input B
RB
2.7
7.2
3
COM
Output C
E
Input B
RB
10.5
7.2
3
COM
Output C
E
Input B
10.5
7.2
3
7 V
12
ULN2002A, ULN2003A, ULN2003AI
ULQ2003A, ULN2004A, ULQ2004A
SLRS027O – DECEMBER 1976 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: ULN2002A ULN2003A ULN2003AI ULQ2003A ULN2004A ULQ2004A
Submit Documentation Feedback
Copyright © 1976–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
This standard device has proven ubiquity and versatility across a wide range of applications. This is due to
integration of 7 Darlington transistors of the device that are capable of sinking up to 500 mA and wide GPIO
range capability.
The ULN2003A device comprises seven high-voltage, high-current NPN Darlington transistor pairs. All units
feature a common emitter and open collector outputs. To maximize their effectiveness, these units contain
suppression diodes for inductive loads. The ULN2003A device has a series base resistor to each Darlington pair,
thus allowing operation directly with TTL or CMOS operating at supply voltages of 5 V or 3.3 V. The ULN2003A
device offers solutions to a great many interface needs, including solenoids, relays, lamps, small motors, and
LEDs. Applications requiring sink currents beyond the capability of a single output may be accommodated by
paralleling the outputs.
This device can operate over a wide temperature range (–40°C to 105°C).
8.2 Functional Block Diagrams
All resistor values shown are nominal. The collector-emitter diode is a parasitic structure and should not be used
to conduct current. If the collectors go below GND, an external Schottky diode should be added to clamp
negative undershoots.
Figure 19. ULN2002A Block Diagram
Figure 20. ULN2003A, ULQ2003A and ULN2003AI
Block Diagram
Figure 21. ULN2004A and LQ2004A Block Diagram


Similar Part No. - ULN2003AIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULN2003AIN TI-ULN2003AIN Datasheet
303Kb / 14P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2003AIN TI-ULN2003AIN Datasheet
859Kb / 26P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2003AIN TI1-ULN2003AIN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2003AIN TI1-ULN2003AIN Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULN2003AIN TI1-ULN2003AIN Datasheet
1Mb / 39P
[Old version datasheet]   ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays
JULY 2022
More results

Similar Description - ULN2003AIN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com