Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF1050 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # MBRF1050
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

MBRF1050 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  MBRF1050 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. MBRF1050 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Guard ring for transient protection
Low power loss,high efficiency
High current capability,low VF
High surge capacity
MECHANICAL DATA
Case: ITO-220AC molded plastic
Polarity: As marked on the body
Weight: 0.08ounces,2.24 grams
Mounting position :Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL MBRF1030 MBRF1040 MBRF1050 MBRF1060 MBRF1080 MBRF10100
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
30
40
50
60
80
100
V
Maximum Average Forward
Rectified Current ( See Fig.1)
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Peak Forward Voltage (Note1)
IF=10A @TJ=25℃
IF=10A @TJ=125℃
IF=20A @TJ=25℃
IF=20A @TJ=125℃
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Bolcking Voltage
@TJ=125℃
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJC
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
MBRF1030 thru MBRF10100
10
-55 to +150
6.0
0.1
2.5
1100
2.0
0.1
15
0.85
REVERSE VOLTAGE - 30 to 100Volts FORWARD CURRENT - 10.0 Amperes
A
0.70
Dimensions in inches and (millimeters)
V
0.84
150
Metal of silicon rectifier , majority carrier conduction
SCHOTTKY BARRIER RECTIFIERS
A
I(AV)
10.0
Plastic package has UL flammability
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
classification 94V-0
IFSM
mA
IR
3.Thermal resistance junction to case.
-55 to +175
NOTES:1.300us pulse width,2% duty cycle.
400
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC.
0.1
VF
0.57
0.70
0.71
0.72
0.85
-
0.95
-
0.80
.020(0.51)
.030(0.76)
.030(0.76)
.020(0.51)
.106(2.7)
.118(3.0)
.571(14.5)
.610(15.5)
.122(3.1)
.138(3.5)
.571(14.5)
.531(13.5)
.043(1.1)
.059(1.5)
.098(2.5)
.114(2.9)
.173(4.4)
.189(4.8)
.102(2.6)
.118(3.0)
.406(10.3)
.386(9.8)
.112(2.84)
.088(2.24)
.157(4.0)
.142(3.6)
.04 MAX
(1.0)
ITO-220AC
www.shunyegroup.com.cn


Similar Part No. - MBRF1050

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF1050 GE-MBRF1050 Datasheet
105Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Shenzhen Luguang Electr...
MBRF1050 LUGUANG-MBRF1050 Datasheet
251Kb / 2P
   Schottky Barrier Rectifiers
logo
HY ELECTRONIC CORP.
MBRF1050 HY-MBRF1050 Datasheet
443Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
logo
Micro Commercial Compon...
MBRF1050 MCC-MBRF1050 Datasheet
99Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shenzhen Luguang Electr...
MBRF1050 LUGUANG-MBRF1050 Datasheet
327Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF1050

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com