Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD7NM64N Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD7NM64N
Description  Low input capacitance and gate charge
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD7NM64N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STD7NM64N Datasheet HTML 2Page - STMicroelectronics STD7NM64N Datasheet HTML 3Page - STMicroelectronics STD7NM64N Datasheet HTML 4Page - STMicroelectronics STD7NM64N Datasheet HTML 5Page - STMicroelectronics STD7NM64N Datasheet HTML 6Page - STMicroelectronics STD7NM64N Datasheet HTML 7Page - STMicroelectronics STD7NM64N Datasheet HTML 8Page - STMicroelectronics STD7NM64N Datasheet HTML 9Page - STMicroelectronics STD7NM64N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STD7NM64N
6/16
DocID025081 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
0.01
Tj=150°C
Tc=25°C
Single pulse
AM15980v1
ID
5
3
1
0
0
10
VDS(V)
20
(A)
30
7
8
5V
6V
VGS=10V
2
4
6
9
AM06477v1
ID
6
4
2
0
0
4
VGS(V)
8
(A)
2
6
10
8
1
3
5
7
9
10
VDS=20V
AM06478v1
VGS
6
4
2
0
0
4
Qg(nC)
(V)
12
8
6
8
10
VDD=480V
ID=5A
14
12
300
200
100
0
400
500
VDS
2
10
16
VDS
(V)
AM06479v1
RDS(on)
0.860
0.840
0.820
0
2
ID(A)
(
Ω)
1
3
0.880
VGS=10V
4
5
0.900
0.920
0.940
AM15981v1


Similar Part No. - STD7NM64N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD7NM60N STMICROELECTRONICS-STD7NM60N Datasheet
885Kb / 17P
   N-channel 600 V, 5 A, 0.84 ohm, DPAK, TO-220FP, TO-220, IPAK second generation MDmesh Power MOSFET
logo
Inchange Semiconductor ...
STD7NM60N ISC-STD7NM60N Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STD7NM64N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
   Low input capacitance and gate charge
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
   Low input capacitance and gate charge
November 2012 Rev 2
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
   Low input capacitance and gate charge
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
   Low gate charge and input capacitance
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
   Low gate charge and input capacitance
December 2016 Rev 2
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
   Low input capacitance and gate charge
STE145N65M5 STMICROELECTRONICS-STE145N65M5 Datasheet
820Kb / 13P
   Low gate charge and input capacitance
November 2015 Rev 2
STB26NM60ND STMICROELECTRONICS-STB26NM60ND Datasheet
1Mb / 23P
   Low input capacitance and gate charge
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
   Low input capacitance and gate charge
November 2014 Rev 2
STB7ANM60N STMICROELECTRONICS-STB7ANM60N Datasheet
1Mb / 20P
   Low input capacitance and gate charge
STFI24NM60N STMICROELECTRONICS-STFI24NM60N Datasheet
804Kb / 12P
   Low input capacitance and gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com