Electronic Components Datasheet Search |
|
SRBM121300 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD. |
|
SRBM121300 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD. |
2 / 5 page 146 146 Dimensions Single-shaft Type Unit:mm No. Style PC board mounting hole dimensions (Viewed from direction A) 12.5 max. L± 0.3 6 PC board mounting face Terminal P=2.5 0.6 2 No. 5 0.35 5 0.8 M7G0.75 A 10 0.7 1 0 -0.2 1 5 10-ø0.9 hole 5 Center of shaft Mounting face +0.1 0 12.9 max. 6 PC board mounting face Terminal 0.2 2 No. 6.45 0.6 3.95 0.8 M7G0.75 A 10 0.7 0.4 2.5 7 2.5 0.3 5 1 L± 0.3 0 -0.2 2 6.45 4-ø0.9 hole 3.95 Center of shaft Mounting face 2- ø1.5 hole +0.1 0 +0.1 0 Rotary Switch Circuit Diagram (Viewed from Direction A of Below Diagram) Pulse Switch Circuit Diagram C.C.W. C.W. 1 2 3 4 (Counter-clockwise)(Clockwise) C.W. : ①② ON during changeover only C.C.W. : ③④ ON during changeover only 1. For position 2 to 4, 1section consists of 2-pole. 2. For position 5 and 6, 1 section consists of 1-pole. ※ 1: Circuit steps are position 2 to 5 at front and position 1 to 4 at rear.(External wiring to common terminal is required.) ※ 2: Circuit steps are position 3 to 6 at front and position 1 to 4 at rear.(External wiring to common terminal is required.) Notes A 3 4 5 5 Front (Front circuit viewed from shaft direction) Rear (Rear circuit viewed from shaft direction) 2 to 4-position 5-position ※ 1 6-position ※ 2 Rear Front Rear Front Rear Front 1 2 3 4 5 1 2 3 4 5 1 2 3 4 5 1 2 3 4 5 1 2 3 4 5 1 2 3 4 5 Pulse switch Rotary switch SRBM 6-position Horizontal Type Dimensions |
Similar Part No. - SRBM121300 |
|
Similar Description - SRBM121300 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |