Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSAG330300 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SSAG330300
Description  Recoil Type for Single-side and Both Sides
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSAG330300 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SSAG330300 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSAG330300 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSAG330300 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSAG330300 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSAG330300 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
73
73
List of Varieties
Slide Switches
Series
SSAJ
SSAH
SSSS8※
SSAL
SSAG
SSSS7
Photo
Actuator
direction
Horizontal
Vertical
Poles-positions
1-2
1-3
1-4
2-2
2-3
2-4
4-2
Travel(mm)
1.4
1.5
1.5, 2
2
1.5
2
Operating temperature range
−10℃ to +60℃ −30℃ to +60℃ −40℃ to +85℃
−10℃ to +60℃
−40℃ to +85℃
Automotive use
̶
̶
̶
̶
̶
̶
Life cycle
Rating(max.)
(Resistive load)
10mA 5V DC
1mA 5V DC
0.3A 5V DC
10mA 5V DC
0.3A 4V DC
Rating(min.)
(Resistive load)
50
μA 3V DC
Durability
Operating life
without load
10,000 cycles
500mΩ max.
10,000 cycles
300mΩ max.
10,000 cycles
100mΩ max.
100,000 cycles
10Ω max.
30,000 cycles
(Lock side)
100,000 cycles
(Recoil side)
500mΩ max.
10,000 cycles
100mΩ max.
Operating life with
load Load: as rating
10,000 cycles
130mΩ max.
10,000 cycles
130mΩ max.
Electrical
performance
Initial contact
resistance
300mΩ max.
200mΩ max.
70mΩ max.
10Ω max.
200mΩ max.
70mΩ max.
Insulation resistance
100MΩ min. 100V DC
100MΩ min.
500V DC
Voltage proof
100V AC for 1minute
500V AC for
1minute
Mechanical
performance
Terminal strength
3N for 1minute
Actuator
strength
Operating
direction
10N
Pulling
direction
Environmental
performance
Cold
−40℃ 96h
−40℃ 500h
−40℃ 96h
−20℃ 500h
Dry heat
85℃ 96h
85℃ 500h
85℃ 96h
85℃ 500h
Damp heat
40℃, 90 to 95%RH
96h
60℃, 90 to 95%RH
240h
60℃, 90 to 95%RH
500h
40℃, 90 to 95%RH
96h
60℃, 90 to 95%RH
500h
Page
75
77
79
82
84
87
Slide Switches Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 111
Slide Switches Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 112
1. ※ The operating temperature range for automotive applications can be raised upon request. Please contact us for details.
2. Indicates applicability to all products in the series.
Notes


Similar Part No. - SSAG330300

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSAG330300 ALPS-SSAG330300 Datasheet
1Mb / 5P
   Recoil Type for Single Side and Both Sides
More results

Similar Description - SSAG330300

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSAG ALPS-SSAG Datasheet
1Mb / 5P
   Recoil Type for Single Side and Both Sides
logo
PHOENIX CONTACT
2764878 PHOENIX-2764878 Datasheet
79Kb / 3P
   Housing cover,for connection on both sides
2764072 PHOENIX-2764072 Datasheet
164Kb / 5P
   Housing cover,for connection on both sides
2764179 PHOENIX-2764179 Datasheet
172Kb / 11P
   Housing cover,for connection on both sides
2764933 PHOENIX-2764933 Datasheet
170Kb / 4P
   Housing cover,for connection on both sides
2764726 PHOENIX-2764726 Datasheet
134Kb / 7P
   Housing cover,for connection on both sides
2764823 PHOENIX-2764823 Datasheet
136Kb / 8P
   Housing cover,for connection on both sides
2764250 PHOENIX-2764250 Datasheet
146Kb / 8P
   Housing cover,for connection on both sides
2764988 PHOENIX-2764988 Datasheet
151Kb / 9P
   Housing cover,for connection on both sides
logo
List of Unclassifed Man...
SP-1500ST ETC2-SP-1500ST Datasheet
353Kb / 2P
   Naturally tacky on both sides
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com