Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEH Datasheet(PDF) 4 Page - XP Power Limited

Part # AEH
Description  Output Voltages from 2.5 V to 48 V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEH Datasheet(HTML) 4 Page - XP Power Limited

  AEH Datasheet HTML 1Page - XP Power Limited AEH Datasheet HTML 2Page - XP Power Limited AEH Datasheet HTML 3Page - XP Power Limited AEH Datasheet HTML 4Page - XP Power Limited AEH Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
AEH80
Models and Ratings
Mechanical Details
Notes
Output
Power
Max
Output 1(1,2)
Output 2(1,2)
Output 3(1,2)
Model
Number
Voltage
Nom.
Current
Voltage
Nom.
Current
Voltage
Nom.
Current
Min
Max
Min
Max
Min
Max
50 W
3.3 V
0.0 A
15.1 A
AEH80US03
65 W
5.0 V
0.0 A
13.0 A
AEH80US05
70 W
7.0 V
0.0 A
9.9 A
AEH80US07
75 W
10.0 V
0.0 A
7.5 A
AEH80US10
80 W
12.0 V
0.0 A
6.6 A
AEH80US12
80 W
15.0 V
0.0 A
5.3 A
AEH80US15
80 W
18.0 V
0.0 A
4.4 A
AEH80US18
80 W
24.0 V
0.0 A
3.3 A
AEH80US24
80 W
30.0 V
0.0 A
2.6 A
AEH80US30
80 W
36.0 V
0.0 A
2.2 A
AEH80US36
80 W
48.0 V
0.0 A
1.6 A
AEH80US48
60 W
+5.0 V
0.7 A
7.0 A
+12.0 V
0.3 A
3.0 A
AEH80UM23
60 W
+5.0 V
1.4 A
7.0 A
+15.0 V
0.6 A
3.0 A
AEH80UM26
60 W
+5.0 V
1.4 A
7.0 A
+24.0 V
0.2 A
2.0 A
AEH80UM25
60 W
+5.0 V
1.4 A
7.0 A
-24.0 V
0.2 A
2.0 A
AEH80UM29
38 W
+3.3 V
1.4 A
7.0 A
+5.0 V
0.6 A
3.0 A
AEH80UM28
56 W
+3.3 V
0.7 A
7.0 A
+12.0 V
0.5 A
3.0 A
AEH80UM27
65 W
+5.0 V
0.6 A
6.0 A
+12.0 V
0.3 A
3.0 A
-5.0 V
0.0 A
0.8 A
AEH80UM33
65 W
+5.0 V
0.6 A
6.0 A
+12.0 V
0.3 A
3.0 A
-12.0 V
0.0 A
0.8 A
AEH80UM31
65 W
+5.0 V
0.6 A
6.0 A
+15.0 V
0.3 A
2.1 A
-15.0 V
0.0 A
0.8 A
AEH80UM32
63 W
+3.3 V
0.7 A
7.0 A
+12.0 V
0.6 A
3.0 A
-5.0 V
0.0 A
0.8 A
AEH80UM34
65 W
+3.3 V
1.4 A
7.0 A
+12.0 V
0.6 A
3.0 A
-12.0 V
0.1 A
0.8 A
AEH80UM37
65 W
+5.0 V
0.7 A
7.0 A
+24.0 V
0.2 A
2.0 A
-24.0 V
0.0 A
0.8 A
AEH80UM38
65 W
+5.0 V
0.6 A
6.0 A
+24.0 V
0.2 A
2.0 A
-12.0 V
0.0 A
0.8 A
AEH80UM39
6.61 (167.9) ±1.0
3.09 (78.5)
AC Input
IEC 320-C14 Inlet
1.75
(44.5)
DC Output
5 Pin Plug
DC Output
8 Pin Plug
Notes
1. Dimensions shown in inches (mm).
2. Tolerance 0.02 (0.5) max.
3. Output cable length is 48” (1220mm) approx.
4. Optional output connectors available, contact sales.
5. Weight 0.9-1.1 lb (400-500 g) approx.
6. For UK mains lead order part: UK-MAINS-IEC,
For European mains lead order part: EU-MAINS-IEC.
PIN CONNECTIONS
Pin
SINGLES
DUAL
TRIPLE
03, 05 V
07-48 V
Shell
GND
GND
GND
GND
1
Common
Common
Common
Common
2
Common
Common
Output 2
Output 3
3
Output
Output
Output 1
Output 1
4
Common
Common
Output 2
Output 2
5
Output
Output
Output 1
Output 2
6
Common
Common
Common
7
Output
Output 1
Output 1
8
Output
Common
Output 3
3
1
4
2
5
DC OUTPUT
3
1
2
5
8
7
6
4
1. Factory-set non-standard outputs available.
2. Total regulation includes initial set accuracy, line and load regulation and is typically 3% for output 1 and 5% for auxiliaries.


Similar Part No. - AEH

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEH08U48 EMERSON-NETWORKPOWER-AEH08U48 Datasheet
409Kb / 2P
   High power converter
AEH08U48N-6L EMERSON-NETWORKPOWER-AEH08U48N-6L Datasheet
409Kb / 2P
   High power converter
AEH09R48N EMERSON-NETWORKPOWER-AEH09R48N Datasheet
547Kb / 2P
   High Efficiency Half Brick
AEH10 EMERSON-NETWORKPOWER-AEH10 Datasheet
462Kb / 2P
   Industry standard pin-out & performance 100째C baseplate temperature (no derating)
logo
Astec America, Inc
AEH10 ASTEC-AEH10 Datasheet
464Kb / 2P
   Remote sense compensation
More results

Similar Description - AEH

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
SC-100 SLPOWER-SC-100 Datasheet
89Kb / 2P
   Output voltages from 3.3 V to 48 V
logo
XP Power Limited
VCP24US05 XPPOWER-VCP24US05 Datasheet
422Kb / 2P
   Low Cost, Output Voltages from 5 to 24 V, PCB Mount
AED XPPOWER-AED Datasheet
111Kb / 4P
   Single Outputs from 5 V to 48 V
AML180 XPPOWER-AML180 Datasheet
75Kb / 2P
   Single Outputs from 18 V to 48 V
ECP XPPOWER-ECP Datasheet
362Kb / 2P
   Single Outputs from 3.3 to 48 V
logo
Crydom Inc.,
H12WD4850PG CRYDOM-H12WD4850PG Datasheet
1Mb / 5P
   Ratings from 25A to 125A @ 48-660 V AC
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
   2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
logo
Analog Devices
AD5317BRU AD-AD5317BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 muA, Quad Voltage Output
REV. C
logo
Bel Fuse Inc.
0RHB-D0T BEL-0RHB-D0T Datasheet
428Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output
logo
Analog Devices
AD5346 AD-AD5346 Datasheet
949Kb / 24P
   2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
REV. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com