Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEL Datasheet(PDF) 6 Page - XP Power Limited

Part # AEL
Description  Energy Efficiency Level V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEL Datasheet(HTML) 6 Page - XP Power Limited

  AEL Datasheet HTML 1Page - XP Power Limited AEL Datasheet HTML 2Page - XP Power Limited AEL Datasheet HTML 3Page - XP Power Limited AEL Datasheet HTML 4Page - XP Power Limited AEL Datasheet HTML 5Page - XP Power Limited AEL Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
28-Aug-14
AEL80
Models and Ratings
Notes
1. Total regulation includes line regulation and load regulation.
2. Other output voltages available, contact sales for details.
3. Energy Efficiency Level IV.
4. Minimum average of efficiencies measured at 25%, 50%, 75% & 100% load.
5. For output negative connected to ground add suffix -G.
Max Output Power
Output Voltage(2)
Output Current
Total Regulation(1)
Efficiency(4)
Model Number(5)
80 W
12 VDC
6.66 A
5%
85%
AEL80US12(3)
15 VDC
5.38 A
5%
87%
AEL80US15(3)
18 VDC
4.44 A
5%
88%
AEL80US18
24 VDC
3.33 A
5%
87%
AEL80US24
30 VDC
2.66 A
5%
87%
AEL80US30
36 VDC
2.22 A
5%
88%
AEL80US36
48 VDC
1.66 A
5%
88%
AEL80US48
Pin Connections
Pin
Function
1
RTN
2
RTN
3
+VE
4
RTN
5
+VE
SHELL
GND
1. All dimensions are shown in inches (mm). Tolerance ±0.04 (±1.0) max.
2. Output connector: 5 pin 180° DIN
3. Output cable length: 48” (1220mm) approx.
4. Weight: 1.5 lbs (700 g)
5. For European mains lead order part: EU-MAINS-IEC.
6. For UK mains lead order part: UK-MAINS-IEC.
7. For US mains lead order part: US-MAINS-IEC.
8. Mains lead length is 78“ (2000 mm) approx
Notes
0.02 (0.5)
AC INPUT
IEC-320-C14 INLET
5.75 (146.0)
0.04 (1.0)
DC Output 5 Pin Plug
3
1
4
2
5
Mechanical Details


Similar Part No. - AEL

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEL04B48-S ASTEC-AEL04B48-S Datasheet
98Kb / 2P
   66Watts
logo
AEL Crystals Ltd
AEL12 AEL-AEL12 Datasheet
47Kb / 1P
   12-Series General Oscillator Specifications
AEL1200AM AEL-AEL1200AM Datasheet
47Kb / 1P
   12-Series General Oscillator Specifications
AEL1200AS AEL-AEL1200AS Datasheet
47Kb / 1P
   12-Series General Oscillator Specifications
AEL1200BM AEL-AEL1200BM Datasheet
47Kb / 1P
   12-Series General Oscillator Specifications
More results

Similar Description - AEL

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AFE220 XPPOWER-AFE220 Datasheet
338Kb / 2P
   Energy Efficiency Level V
VEB10US05 XPPOWER-VEB10US05 Datasheet
156Kb / 2P
   Energy Efficiency Level V
logo
HITRON ELECTRONICS CORP...
HEMP252G HITRON-HEMP252G_17 Datasheet
387Kb / 2P
   Energy Efficiency Level V
logo
XP Power Limited
AFM XPPOWER-AFM Datasheet
363Kb / 2P
   Energy Efficiency Level V
VEB15 XPPOWER-VEB15 Datasheet
130Kb / 2P
   Energy Efficiency Level V
VEH20US05 XPPOWER-VEH20US05 Datasheet
339Kb / 2P
   Energy Efficiency Level V
VEF XPPOWER-VEF Datasheet
364Kb / 2P
   Energy Efficiency Level V
AFM120PS12 XPPOWER-AFM120PS12 Datasheet
106Kb / 2P
   Energy Efficiency Level V
logo
ETA-USA
ZMB-SX-W5 ETA-USA-ZMB-SX-W5 Datasheet
2Mb / 2P
   65W Meets Energy Star efficiency level V
logo
HITRON ELECTRONICS CORP...
HEMG76 HITRON-HEMG76 Datasheet
227Kb / 2P
   Energy Efficiency Level VI
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com