Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLA75PS350-A Datasheet(PDF) 1 Page - XP Power Limited

Part # DLA75PS350-A
Description  50-150 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DLA75PS350-A Datasheet(HTML) 1 Page - XP Power Limited

  DLA75PS350-A Datasheet HTML 1Page - XP Power Limited DLA75PS350-A Datasheet HTML 2Page - XP Power Limited DLA75PS350-A Datasheet HTML 3Page - XP Power Limited DLA75PS350-A Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
50 150 Watts
AC Input LED Driver
Constant Voltage & Constant Current
High Power Factor
High Efficiency
Water Proof to IP67
High Input Voltage Range
3 Year Warranty
DLA Series
Input
Input Voltage
• DLA50-A & -V: 90-264 VAC,
All other models: 90-305 VAC
Input Frequency
• 47-63 Hz
Input Current
• 50 W: 0.70 A at 115 VAC, 0.35 A at 230 VAC,
75 W: 0.9 A at 115 VAC, 0.40 A at 230 VAC,
120 W: 1.38 A at 115 VAC, 0.7 A at 230 VAC,
150 W: 1.8 A at 115 VAC, 0.80 A at 230 VAC
Inrush Current
• 60 A at 230 VAC, cold start +25 °C
Power Factor
• See tables
Earth Leakage Current
• 400 µA max at 115 VAC,
750 µA max at 230 VAC
Output
Output Voltage
• See table
Initial Set Accuracy
• ±1% for -V versions,
±5% for -A versions
Minimum Load
• No minimum load required
Start Up Delay
• 3 s max at 100 VAC
Hold Up Time
• 10 ms minimum
Line Regulation
• ±1% maximum
Load Regulation
• ±3% maximum
Transient Response
• 5% max. deviation, recovery to within
1% in 10 ms for a 50% load change
Ripple & Noise
• 1.5% max pk-pk, 20 MHz bandwidth
Overvoltage Protection
• 110-140% Vnom, recycle input to reset
Overtemperature
• Unit shuts down, recycle input to reset
Protection
(Not on DLA50-A, -V or -VL)
Overload Protection
• 135% typical, auto recovery
Short Circuit Protection
• Trip and restart (Hiccup mode)
Temperature
• 0.04%/°C
Coefficient
xppower.com
General
Efficiency
• See tables
Isolation
• DLA50-A & -V: (Class II)
3000 VAC Input to Output
3000 VAC Input to Case
500 VDC Output to Case
All other models: (Class I)
3000 VAC Input to Output
1500 VAC Input to Ground
500 VDC Output to Ground
Switching Frequency
• PFC 30-90 kHz variable
PWM 100-120 kHz typical
MTBF
• >300 kHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -35 °C to +60 °C for DLA50-A & -V,
-35 °C to +55 °C for DLA50-VL
-35 °C to +70 °C for others, DLA150
derate from 100% load at 65 °C to 90%
load at 70 °C
Operating Humidity
• 5-100% RH, non-condensing
Storage Temperature
• -40 °C to +80 °C
Operating Altitude
• 3000 m
Shock
• 30 g, 10 ms on 3 axes
Vibration
• 5-100 Hz, 2.31 m/s2, 20 mins, 3 axes
EMC & Safety
Emissions
• EN55015, Class B conducted and radiated
Harmonic Currents
• EN61000-3-2, Class C for DLA75,120 & 150
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, 8 kV air and 4 kV contact,
Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 2 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria A
Surge
• EN61000-4-5, level 3 Perf Criteria B
Conducted Immunity
• EN61000-4-6, level 2 Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms,
60% 100 ms, 100% 5000 ms,
Perf Criteria A, B, B
Safety Approvals
• EN61347, UL8750, CE Mark, some 50 W &
75 W models comply with UL1310 Class 2
requirement, see model table for details


Similar Part No. - DLA75PS350-A

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
DLA71 CARLOGAVAZZI-DLA71 Datasheet
138Kb / 5P
   Monitoring Relays Pump alternating
logo
List of Unclassifed Man...
DLA71DB232P ETC2-DLA71DB232P Datasheet
123Kb / 4P
   Monitoring Relays Pump alternating
logo
Carlo Gavazzi Holding A...
DLA71DB232P CARLOGAVAZZI-DLA71DB232P Datasheet
138Kb / 5P
   Monitoring Relays Pump alternating
logo
List of Unclassifed Man...
DLA71DB482P ETC2-DLA71DB482P Datasheet
123Kb / 4P
   Monitoring Relays Pump alternating
logo
Carlo Gavazzi Holding A...
DLA71DB482P CARLOGAVAZZI-DLA71DB482P Datasheet
138Kb / 5P
   Monitoring Relays Pump alternating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com