Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLE25PS24 Datasheet(PDF) 1 Page - XP Power Limited

Part # DLE25PS24
Description  LED Drivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DLE25PS24 Datasheet(HTML) 1 Page - XP Power Limited

  DLE25PS24 Datasheet HTML 1Page - XP Power Limited DLE25PS24 Datasheet HTML 2Page - XP Power Limited DLE25PS24 Datasheet HTML 3Page - XP Power Limited DLE25PS24 Datasheet HTML 4Page - XP Power Limited DLE25PS24 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DLE25/35 Series
LED Drivers
xxx Series
www.xppower.com
1
Notes
1. Typical efficiency at full load and 230 VAC input.
• AC Input LED Driver
• Constant Voltage/Constant Current Operation
• Constant Current Dimming Versions
• High Efficiency
• Water Proof to IP67
• Class 2
• 3 Year Warranty
Dimensions:
DLE25/35:
4.33 x 2.89 x 1.30” (110.0 x 73.5 x 33.0 mm)
25/35 Watts
Models & Ratings Constant Voltage / Constant Current Models
Output Power
Output Voltage
Output Current
Output Voltage Range in
Constant Current Mode
OVP Range
Efficiency(1)
Model Number
25 W
12 V
2100 mA
9 - 12 V
13.8-16.20 V
79.0%
DLE25PS12
25 W
24 V
1050 mA
12 - 24 V
27.6-32.40 V
80.0%
DLE25PS24
25 W
36 V
700 mA
24 - 36 V
41.4-48.60 V
80.0%
DLE25PS36
24 W
48 V
500 mA
33 - 48 V
55.2-64.80 V
80.0%
DLE25PS48
20 W
57 V
350 mA
40 - 57 V
65.5-76.95 V
78.0%
DLE25PS57
30 W
12 V
2500 mA
9 - 12 V
13.8-16.20 V
80.0%
DLE35PS12
34 W
24 V
1400 mA
12 - 24 V
27.6-32.40 V
81.0%
DLE35PS24
36 W
36 V
1000 mA
24 - 36 V
41.4-48.60 V
82.0%
DLE35PS36
34 W
48 V
700 mA
33 - 48 V
55.2-64.80 V
83.0%
DLE35PS48
28 W
57 V
500 mA
40 - 57 V
65.5-76.95 V
82.0%
DLE35PS57
Models & Ratings Dimmable Models
Output Power
Output Voltage
Output Current
Output Voltage Range in
Constant Current Mode
OVP Range
Efficiency(1)
Model Number
25 W
12 V
2100 mA
9 - 12 V
13.8-16.20 V
79.0%
DLE25PS2100-AD
25 W
24 V
1050 mA
12 - 24 V
27.6-32.40 V
80.0%
DLE25PS1050-AD
25 W
36 V
700 mA
24 - 36 V
41.4-48.60 V
80.0%
DLE25PS700-AD
24 W
48 V
500 mA
33 - 48 V
55.2-64.80 V
80.0%
DLE25PS500-AD
20 W
57 V
350 mA
40 - 57 V
65.5-76.95 V
78.0%
DLE25PS350-AD
30 W
12 V
2500 mA
9 - 12 V
13.8-16.20 V
80.0%
DLE35PS2500-AD
34 W
24 V
1400 mA
12 - 24 V
27.6-32.40 V
81.0%
DLE35PS1400-AD
36 W
36 V
1000 mA
24 - 36 V
41.4-48.60 V
82.0%
DLE35PS1000-AD
34 W
48 V
700 mA
33 - 48 V
55.2-64.80 V
83.0%
DLE35PS700-AD
28 W
57 V
500 mA
40 - 57 V
65.5-76.95 V
82.0%
DLE35PS500-AD
The DLE series of AC input LED drivers incorporate universal input with active power
factor correction in a two power stage design, eliminating flicker while providing a high
efficiency solution. Designed as a class II isolation product, without the need for a safety
earth, DLE series LED drivers are also approved as a class 2 limited power source,
making them suitable for a wide range of applications. Dimmable constant current
versions are available with the facility for PWM, voltage and resistance programming.


Similar Part No. - DLE25PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DLE XPPOWER-DLE Datasheet
201Kb / 2P
   Constant Voltage AND Current Versions
logo
Everlight Electronics C...
DLE-0000010 EVERLIGHT-DLE-0000010 Datasheet
102Kb / 6P
   3.0mm Very Wide Angle Type LED Lamps
DLE-0000014 EVERLIGHT-DLE-0000014 Datasheet
102Kb / 6P
   3.0mm Very Wide Angle Type LED Lamps
DLE-0000312 EVERLIGHT-DLE-0000312 Datasheet
255Kb / 12P
   Popular T-1 3/4 round package
DLE-0000336 EVERLIGHT-DLE-0000336 Datasheet
368Kb / 12P
   Popular T-1 3/4 round package
More results

Similar Description - DLE25PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DLE45 XPPOWER-DLE45 Datasheet
266Kb / 5P
   LED Drivers
logo
Allegro MicroSystems
LC5200 ALLEGRO-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
   LED Drivers
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
   WHITE LED DRIVERS
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
   Atmel LED Drivers
logo
List of Unclassifed Man...
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
   Dimmable LED Drivers
logo
STMicroelectronics
M5450 STMICROELECTRONICS-M5450_04 Datasheet
260Kb / 12P
   LED DISPLAY DRIVERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com