Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLE25PS48 Datasheet(PDF) 2 Page - XP Power Limited

Part # DLE25PS48
Description  LED Drivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DLE25PS48 Datasheet(HTML) 2 Page - XP Power Limited

  DLE25PS48 Datasheet HTML 1Page - XP Power Limited DLE25PS48 Datasheet HTML 2Page - XP Power Limited DLE25PS48 Datasheet HTML 3Page - XP Power Limited DLE25PS48 Datasheet HTML 4Page - XP Power Limited DLE25PS48 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DLE Series
www.xppower.com
2
LED Drivers
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
12
57
VDC
See models and ratings table
Minimum Load
No minimum load required
Start Up Delay
2.0
s
Measured at 115 VAC
Hold Up Time
20
ms
Line Regulation
±0.5
%
Load Regulation
±1
%
Constant voltage mode
±5
Constant current mode
Turn On Overshoot
7%
Constant voltage mode
Transient Response
4%
Deviation, recovery to within 1% in 10 ms for a 50%
load change
Ripple & Noise
200/250/300
mV pk-pk
≤24 V/≤48 V/57 V. Measured using 12” twisted pair with 0.1 µF
and 47 µF capacitors in parallel at 20 MHz bandwidth, at 25 °C
Overvoltage Protection
See models and ratings table, recycle AC to Reset
Overload Protection
95
105
%
Auto Recovery
Short Circuit Protection
Trip & restart (hiccup mode)
Temperature Coefficient
0.06
%/˚C
Overtemperature Protection
95
˚C
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
90
305
VAC
See derating curve
Input Frequency
47
63
Hz
Power Factor
>0.9
Measured at 230 VAC, full load
Input Current
0.6
A
115 VAC
0.3
230 VAC
Inrush Current
45
A
230 VAC cold start, +25
ºC
Input Protection
Internal T1.0 A/250 V fuse fitted in line
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
82
%
See models and tables
Isolation: Input to Output
3750
VAC
Switching Frequency
100
kHz
Mean Time Between Failure
>200
kHrs
MIL-HDBK-217F at 25 °C GB
Weight
0.77 (350)
lb (g)
100
10
20
30
40
50
60
70
80
90
Vo max
Vo min
0
Output Current (%)
Trip & Restart Zone
Load Regulation in
Constant Current Mode
Constant Current Curve


Similar Part No. - DLE25PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DLE XPPOWER-DLE Datasheet
201Kb / 2P
   Constant Voltage AND Current Versions
logo
Everlight Electronics C...
DLE-0000010 EVERLIGHT-DLE-0000010 Datasheet
102Kb / 6P
   3.0mm Very Wide Angle Type LED Lamps
DLE-0000014 EVERLIGHT-DLE-0000014 Datasheet
102Kb / 6P
   3.0mm Very Wide Angle Type LED Lamps
DLE-0000312 EVERLIGHT-DLE-0000312 Datasheet
255Kb / 12P
   Popular T-1 3/4 round package
DLE-0000336 EVERLIGHT-DLE-0000336 Datasheet
368Kb / 12P
   Popular T-1 3/4 round package
More results

Similar Description - DLE25PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DLE45 XPPOWER-DLE45 Datasheet
266Kb / 5P
   LED Drivers
logo
Allegro MicroSystems
LC5200 ALLEGRO-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
   LED Drivers
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
   WHITE LED DRIVERS
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
   Atmel LED Drivers
logo
List of Unclassifed Man...
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
   Dimmable LED Drivers
logo
STMicroelectronics
M5450 STMICROELECTRONICS-M5450_04 Datasheet
260Kb / 12P
   LED DISPLAY DRIVERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com