Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLE45PS36 Datasheet(PDF) 4 Page - XP Power Limited

Part # DLE45PS36
Description  LED Drivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DLE45PS36 Datasheet(HTML) 4 Page - XP Power Limited

  DLE45PS36 Datasheet HTML 1Page - XP Power Limited DLE45PS36 Datasheet HTML 2Page - XP Power Limited DLE45PS36 Datasheet HTML 3Page - XP Power Limited DLE45PS36 Datasheet HTML 4Page - XP Power Limited DLE45PS36 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DLE Series
www.xppower.com
4
LED Drivers
1. Dimensions shown in inches (mm).
2. Weight: 2.8 lb (1.27 kg).
3.Tolerance: 0.X = ±0.008 (±0.2)
0.XX = ±0.002 (±0.05)
Notes
Mechanical Details Constant Voltage / Constant Current
Mechanical Details Dimmable Version
UL 2464 18 AWG 2C
SJTW 18 AWG 2C
AC N (Blue)
AC L (Brown)
V+ (Red)
V- (Black)
1.27
(32.5)
6.46 (164.1)
0.13 (3.5)
0.13 (3.5)
1.78
(45.3)
1.27 ±0.7 (150.0 ±20.0)
1.27 ±0.7 (150.0 ±20.0)
6.73 (171.1)
0.13 (3.5)
0.13
(3.5)
R1.8
1.27
(32.5)
6.46 (164.1)
0.13 (3.5)
0.13 (3.5)
1.78
(45.3)
1.27 ±0.7 (150.0 ±20.0)
1.27 ±0.7 (150.0 ±20.0)
6.73 (171.1)
0.13 (3.5)
0.13
(3.5)
R1.8
SJTW 18AWG 2C
AC L(Brown)
AC N(Blue)
UL 2464 18AWG 4C
Dim+ (Blue)
Dim- (White)
V- (Black)
V+ (Red)


Similar Part No. - DLE45PS36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DLE XPPOWER-DLE Datasheet
201Kb / 2P
   Constant Voltage AND Current Versions
logo
Everlight Electronics C...
DLE-0000010 EVERLIGHT-DLE-0000010 Datasheet
102Kb / 6P
   3.0mm Very Wide Angle Type LED Lamps
DLE-0000014 EVERLIGHT-DLE-0000014 Datasheet
102Kb / 6P
   3.0mm Very Wide Angle Type LED Lamps
DLE-0000312 EVERLIGHT-DLE-0000312 Datasheet
255Kb / 12P
   Popular T-1 3/4 round package
DLE-0000336 EVERLIGHT-DLE-0000336 Datasheet
368Kb / 12P
   Popular T-1 3/4 round package
More results

Similar Description - DLE45PS36

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DLE25 XPPOWER-DLE25 Datasheet
482Kb / 5P
   LED Drivers
logo
Allegro MicroSystems
LC5200 ALLEGRO-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
   LED Drivers
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
   WHITE LED DRIVERS
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
   Atmel LED Drivers
logo
List of Unclassifed Man...
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
   Dimmable LED Drivers
logo
STMicroelectronics
M5450 STMICROELECTRONICS-M5450_04 Datasheet
260Kb / 12P
   LED DISPLAY DRIVERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com