Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLE35PS700-AD Datasheet(PDF) 5 Page - XP Power Limited

Part # DLE35PS700-AD
Description  LED Drivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DLE35PS700-AD Datasheet(HTML) 5 Page - XP Power Limited

  DLE35PS700-AD Datasheet HTML 1Page - XP Power Limited DLE35PS700-AD Datasheet HTML 2Page - XP Power Limited DLE35PS700-AD Datasheet HTML 3Page - XP Power Limited DLE35PS700-AD Datasheet HTML 4Page - XP Power Limited DLE35PS700-AD Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DLE Series
LED Drivers
V+
V-
DLE
Dim+
Dim-
Connect a variable resistor between Dim+ and Dim-.
The Dimmed output current can be determined using the equation:
Where the value of R is between 10 k
Ωand100kΩ.Thecorresponding
range of output current is 10% to 100%
A Pulse Width Modulated (PWM) signal with duty cycle
DPWM can be applied between Dim+ and Dim-.
The dimmed output current is given by:
Where Dpwm is the % of PWM duty cycle between 10% and 100%. The
corresponding range of output current is 10% to 100%. PWM frequency
should be in the range 0.5 kHz to 5 kHz
The dimmed output current is given by:
Where V is the value of control voltage in the range of 1.0 V to 10.0 VDC.
The corresponding range of output current is 10% to 100%.
Connect a variable voltage betwen Dim+ and Dim-
Output Current Adjustment by Variable Resistor
Output Current Adjustment by DC Voltage
Output Current Adjustment by PWM
Dimmed Current
100 k
Maximum Current x R
=
Dimmed Current
10 k
Maximum Current x V
=
=
Dimmed Current
Maximum Current x DPwm %
V+
V-
DLE
+
Dim+
Dim-
DLE
Dim-
PWM
GND
0 V
10 V
Dim+
V+
V-
5
www.xppower.com
08 April 14


Similar Part No. - DLE35PS700-AD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DLE30 SANYO-DLE30 Datasheet
71Kb / 3P
   3.0A Ultrahigh-Speed Rectifier?
DLE30B SANYO-DLE30B Datasheet
71Kb / 3P
   3.0A Ultrahigh-Speed Rectifier?
logo
Shenzhen Luguang Electr...
DLE30B LUGUANG-DLE30B Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
Sanyo Semicon Device
DLE30C SANYO-DLE30C Datasheet
71Kb / 3P
   3.0A Ultrahigh-Speed Rectifier?
logo
Shenzhen Luguang Electr...
DLE30C LUGUANG-DLE30C Datasheet
178Kb / 2P
   Super Fast Rectifiers
More results

Similar Description - DLE35PS700-AD

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DLE45 XPPOWER-DLE45 Datasheet
266Kb / 5P
   LED Drivers
logo
Allegro MicroSystems
LC5200 ALLEGRO-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
   LED Drivers
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
   WHITE LED DRIVERS
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
   Atmel LED Drivers
logo
List of Unclassifed Man...
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
   Dimmable LED Drivers
logo
STMicroelectronics
M5450 STMICROELECTRONICS-M5450_04 Datasheet
260Kb / 12P
   LED DISPLAY DRIVERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com