Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNR10US12 Datasheet(PDF) 2 Page - XP Power Limited

Part # DNR10US12
Description  Rugged Design for Industrial Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DNR10US12 Datasheet(HTML) 2 Page - XP Power Limited

  DNR10US12 Datasheet HTML 1Page - XP Power Limited DNR10US12 Datasheet HTML 2Page - XP Power Limited DNR10US12 Datasheet HTML 3Page - XP Power Limited DNR10US12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DNR0560
Models and Ratings
Output
Voltage
Input Current (typ.)
Output
Voltage Trim
Output Current Efficiency (typ.)
Model Number
115 VAC
230 VAC
5 V
0.12 A
0.08 A
4.50-5.75 V
1.000 A
69%
DNR05US05(1)
12 V
0.12 A
0.08 A
10.80-13.80 V
0.420 A
72%
DNR05US12(1)
15 V
0.12 A
0.08 A
13.50-17.25 V
0.340 A
72%
DNR05US15(1)
24 V
0.12 A
0.08 A
21.60-28.80 V
0.210 A
72%
DNR05US24(1)
5 V
0.20 A
0.13 A
4.50-5.75 V
2.000 A
73%
DNR10US05(1)
12 V
0.20 A
0.13 A
10.80-13.80 V
0.840 A
75%
DNR10US12(1)
15 V
0.20 A
0.13 A
13.50-17.25 V
0.670 A
76%
DNR10US15(1)
24 V
0.20 A
0.13 A
21.60-28.80 V
0.420 A
76%
DNR10US24(1)
5 V
0.36 A
0.21 A
4.50-5.75 V
3.000 A
75%
DNR18US05(1)
12 V
0.36 A
0.21 A
10.80-13.80 V
1.500 A
77%
DNR18US12(1)
15 V
0.36 A
0.21 A
13.50-17.25 V
1.200 A
77%
DNR18US15(1)
24 V
0.36 A
0.21 A
21.60-28.80 V
0.750 A
77%
DNR18US24(1)
5 V
0.56 A
0.33 A
5.00-5.50 V
6.000 A
79%
DNR30US05(1,3,4)
12 V
0.56 A
0.33 A
12.00-14.00 V
2.500 A
84%
DNR30US12(1,3,4)
24 V
0.56 A
0.33 A
24.00-28.00 V
1.250 A
86%
DNR30US24(1,3,4)
48 V
0.56 A
0.33 A
48.00-55.00 V
0.625 A
86%
DNR30US48(1,3,4)
5 V
1.10 A
0.59 A
5.00-5.50 V
10.000 A
79%
DNR60US05(1,3,4)
12 V
1.10 A
0.59 A
12.00-14.00 V
5.000 A
86%
DNR60US12(1,3,4)
24 V
1.10 A
0.59 A
24.00-28.00 V
2.500 A
89%
DNR60US24(1,3,4)
48 V
1.10 A
0.59 A
48.00-55.00 V
1.250 A
89%
DNR60US48(1,3,4)
Notes
1. Add suffix ‘-S’ for spring clamp connection option.
2. 30-60 W models are suitable for battery-charging applications.
3. Approved to UL1310, but 5 & 12 V not Class 2 Power recognised.
4. SEMI F47 compliant.
Derating Curves
DNR0518 W Models
DNR3060 W Models
-40
0
10
20
30
40
50
60
70
20
40
60
80
100
0
Ambient Temp (˚C)
-20
0
10
20
30
40
50
60
70
20
40
60
80
100
0
,


Similar Part No. - DNR10US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DNR10US12 XPPOWER-DNR10US12 Datasheet
144Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - DNR10US12

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FW.24.SMA.M TAOGLAS-FW.24.SMA.M Datasheet
984Kb / 12P
   Rugged Design for Outdoor Use
FW.86.B.NTY.M TAOGLAS-FW.86.B.NTY.M Datasheet
833Kb / 11P
   Rugged Design for Outdoor Use
logo
OSRAM GmbH
SFH7770 OSRAM-SFH7770 Datasheet
243Kb / 22P
   Not for design in automotive and industrial applications
logo
PHOENIX CONTACT
REL-OR-24DC PHOENIX-REL-OR-24DC Datasheet
109Kb / 4P
   Extremely rugged design
logo
XP Power Limited
MCS XPPOWER-MCS Datasheet
394Kb / 2P
   Rugged Desktop Design
logo
API Technologies Corp
1469A APITECH-1469A Datasheet
437Kb / 2P
   Rugged connector design
logo
List of Unclassifed Man...
OPD-10HO ETC2-OPD-10HO Datasheet
70Kb / 2P
   Rugged construction and modularized design
logo
Infineon Technologies A...
ITS711L1 INFINEON-ITS711L1_10 Datasheet
1Mb / 18P
   For Industrial Applications
Rev. 1.3, 2010-03-16
logo
Axiomtek Co., Ltd.
AX60530 AXIOMTEK-AX60530_16 Datasheet
165Kb / 1P
   Compact design for embedded applications
logo
Red Lion Controls. Inc
VT-MODEM-1WW REDLION-VT-MODEM-1WW Datasheet
912Kb / 2P
   Rugged Industrial Telephone Modems
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com