Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE60US03 Datasheet(PDF) 3 Page - XP Power Limited

Part # ECE60US03
Description  AC-DC Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECE60US03 Datasheet(HTML) 3 Page - XP Power Limited

  ECE60US03 Datasheet HTML 1Page - XP Power Limited ECE60US03 Datasheet HTML 2Page - XP Power Limited ECE60US03 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ECE60 Series
www.xppower.com
AC-DC Power Supplies
3
1-Dec-15
EMC: Emissions
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Conducted
EN55022
Class B
Radiated
EN55022
Class B
Harmonic Current
EN61000-3-2
Class A
Voltage Flicker
EN61000-3-3
Safety Approvals
EMC: Immunity
Safety Agency
Safety Standard
Notes & Conditions
UL
UL60950-1, CSA 22.2 No.234 per cUL
TUV
EN60950-1
CB
IEC60950-1
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD
EN61000-4-2
3A
Radiated
EN61000-4-3
10 V/m 80% mod
A
EFT
EN61000-4-4
3A
Surges
EN61000-4-5
Installation Class 3
A
Conducted
EN61000-4-6
3A
Dips and Interruptions
EN61000-4-11
DIP: 100% 10 ms
DIP: 30% 500 ms
INT: 100% 5000 ms
A
A
B
Mechanical Details
1. All dimensions in inches (mm).
2. Weight: ECE60: 0.42 lbs (191 g)
ECE60-S: 0.44 lbs (200 g)
3. Tolerances:
x.xx = ± 0.02 (x.x = ± 0.5), x.xxx = ± 0.01 (x.xx = ± 0.25)
Notes
ECE60
3.50 (89.7)
1.57
(40.0)
0.44
(11.2)
ACN
ACL
4.09 (104.0)
0.18 (4.5)
TOP VIEW
4x ø0.14
(4x ø3.5)
0.84
(21.3)
-Vo
+Vo
1.20
(30.5)
0.19
(4.8)
1.12
(28.5)
0.54 (13.8)
0.24
(6.2)
0.10
(2.5)
4.45 (113.0)
Optional
DIN clip
ECE60 Screw Terminal (-S)
0.4 (10.2)
1.10
(28.0)
4x ø 0.06 (ø1.5)
1.50
(38.1)
0.50
(12.7)
1.18
(30.0)
0.159
(4.05)
0.14
(3.55)
3.32 (84.3)
0.139 (3.54)
3.60 (91.4)
+Vo
-Vo
ACN
ACL
TOP VIEW


Similar Part No. - ECE60US03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ECE-1AVKS220 NXP-ECE-1AVKS220 Datasheet
542Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 6, 1/2006
ECE-1AVKS220 NXP-ECE-1AVKS220 Datasheet
739Kb / 20P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 8, 5/2006
logo
Ecliptek Corporation
ECE-20-30.000M-GA ECLIPTEK-ECE-20-30.000M-GA Datasheet
109Kb / 3P
   CRYSTAL
ECE-20-30.000M-GTR ECLIPTEK-ECE-20-30.000M-GTR Datasheet
109Kb / 3P
   CRYSTAL
ECE-20-30.000M-I2A ECLIPTEK-ECE-20-30.000M-I2A Datasheet
109Kb / 3P
   CRYSTAL
More results

Similar Description - ECE60US03

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com