Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL18-3P630 Datasheet(PDF) 3 Page - SICK AG

Part # WL18-3P630
Description  Photoelectric retro-reflective sensor, autocollimation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WL18-3P630 Datasheet(HTML) 3 Page - SICK AG

  WL18-3P630 Datasheet HTML 1Page - SICK AG WL18-3P630 Datasheet HTML 2Page - SICK AG WL18-3P630 Datasheet HTML 3Page - SICK AG WL18-3P630 Datasheet HTML 4Page - SICK AG WL18-3P630 Datasheet HTML 5Page - SICK AG WL18-3P630 Datasheet HTML 6Page - SICK AG WL18-3P630 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA3/8/2016 3:48:12 AM
1) Limit values, operation in short-circuit protected network max. 8 A 2) May not exceed or fall short of VS tolerances 3) Without load 4) Signal transit time with resistive
load 5) With light/dark ratio 1:1 6) A = VS connections reverse-polarity protected 7) C = interference suppression 8) D = outputs overcurrent and short-circuit
protected
Output current Imax.:
100 mA
Response time:
< 500 µs 4)
Switching frequency:
1,000 Hz 5)
Connection type:
Cubic connector, 6-pin
Circuit protection:::
A, C, D 6) 7) 8)
Weight:
70 g
Polarisation filter:
ü
Housing material:
ABS, Plastic
Optics material:
PMMA
Enclosure rating:
IP 65
Test input sender off:
TE to 0 V
Test input:
ü
Ambient operating temperature:
-40 °C ... +60 °C
Ambient storage temperature:
-40 °C ... +75 °C
UL File No.:
NRKH.E181493 & NRKH7.E181493
Dimensional drawing


Similar Part No. - WL18-3P630

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL18-3P630S04 SICK-WL18-3P630S04 Datasheet
668Kb / 6P
   Photoelectric retro-reflective sensor, autocollimation
More results

Similar Description - WL18-3P630

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL9L-3P2432S02 SICK-WL9L-3P2432S02 Datasheet
929Kb / 8P
   Photoelectric retro-reflective sensor, autocollimation
WL9M4L-3P2232 SICK-WL9M4L-3P2232 Datasheet
884Kb / 8P
   Photoelectric retro-reflective sensor, autocollimation
WL18-3N130 SICK-WL18-3N130 Datasheet
732Kb / 7P
   Photoelectric retro-reflective sensor, autocollimation
WL4SL-3P3232 SICK-WL4SL-3P3232 Datasheet
894Kb / 7P
   Photoelectric retro-reflective sensor autocollimation
WL12-3N1141 SICK-WL12-3N1141 Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor,autocollimation
WL18-3P680 SICK-WL18-3P680 Datasheet
766Kb / 7P
   Photoelectric retro-reflective sensor, autocollimation
WL12-3N2451 SICK-WL12-3N2451 Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor, autocollimation
WL12-3P1131 SICK-WL12-3P1131 Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor, autocollimation
WL18-3N230 SICK-WL18-3N230 Datasheet
732Kb / 7P
   Photoelectric retro-reflective sensor, autocollimation
WL18-3P430S09 SICK-WL18-3P430S09 Datasheet
758Kb / 7P
   Photoelectric retro-reflective sensor autocollimation
WL4SL-3F3234 SICK-WL4SL-3F3234 Datasheet
897Kb / 7P
   Photoelectric retro-reflective sensor autocollimation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com