Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISH2424A Datasheet(PDF) 2 Page - XP Power Limited

Part # ISH2424A
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISH2424A Datasheet(HTML) 2 Page - XP Power Limited

  ISH2424A Datasheet HTML 1Page - XP Power Limited ISH2424A Datasheet HTML 2Page - XP Power Limited ISH2424A Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISH Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
3.3
24
VDC
See Models and Ratings table
Initial Set Accuracy
-7.5, +2.5
%
At 70% load
Minimum Load
10
%
Line Regulation
±1.2
%
Per 1% change of input voltage (±1.5% for 3V3 output)
Load Regulation
%
See graph
Start Up Delay
2
ms
Ripple and Noise
100
mV pk-pk
20 MHz bandwidth, measured using 0.1 µF capacitor
Transient Response
3
% deviation
Recovery to within 1% in 500 µs for a 25% load change (5%
max. deviation for 3.3 & 5 V models)
Short Circuit Protection
Continuous, with auto recovery, except 1 s max for
24 input V models
Maximum Capacitive Load
220
µF
Temperature Coefficient
0.03
%/˚C
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
4.50
5.50
VDC
5 V nominal
10.80
13.20
VDC
12 V nominal
13.50
16.50
VDC
15 V nominal
21.60
26.40
VDC
24 V nominal
Input Current
See Models and Ratings table
Input Reflected Ripple
15
mA pk-pk
Through 12 µH inductor and 47 µF capacitor
Input Surge
9
VDC for 1 s
5 V models
18
VDC for 1 s
12 V models
21
VDC for 1 s
15 V models
30
VDC for 1 s
24 V models
Input Filter
Capacitor
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
See Models and Ratings table
Isolation: Input to Output
1500
VDC
For optional high isolation versions, 3000 VDC input to
output add suffix -H to model number
Switching Frequency
50
300
kHz
Isolation Resistance
109
Input to output, tested at 500 VDC
Isolation Capacitance
20
pF
Input to output
Power Density
31.8
Win3
Mean Time Between Failure
3500
kHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.003 (1.5)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+105
°C
Derate from 100% load at +100 °C to 80% load at 105 °C
Storage Temperature
-55
+125
°C
Case Temperature
+115
°C
Operating Humidity
95
% RH
Non-condensing
Cooling
Natural convection


Similar Part No. - ISH2424A

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISH37-1R3 ICE-ISH37-1R3 Datasheet
317Kb / 2P
   SMT Power Inductor
ISH37-1R3 ICE-ISH37-1R3 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
ISH37-2R1 ICE-ISH37-2R1 Datasheet
317Kb / 2P
   SMT Power Inductor
ISH37-2R1 ICE-ISH37-2R1 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
ISH37-3R2 ICE-ISH37-3R2 Datasheet
317Kb / 2P
   SMT Power Inductor
More results

Similar Description - ISH2424A

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com