Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISH2424A Datasheet(PDF) 3 Page - XP Power Limited

Part # ISH2424A
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISH2424A Datasheet(HTML) 3 Page - XP Power Limited

  ISH2424A Datasheet HTML 1Page - XP Power Limited ISH2424A Datasheet HTML 2Page - XP Power Limited ISH2424A Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ISH Series
www.xppower.com
DC-DC Converter
3
04 Dec 14
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN61000-4-2
3B
Radiated Immunity
EN61000-4-3
3 V/m
A
EFT/Burst
EN61000-4-4
2B
External input capacitor required, 330 µF/100 V
Surge
EN61000-4-5
2B
External input capacitor required, 330 µF/100 V
Conducted Immunity
EN61000-4-6
3 V rms
A
Magnetic Fields
EN61000-4-8
1 A/m
A
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Class B
See Application Note for Class B filter
Radiated
EN55022
Class B
See Application Note for Class B filter
EMI Filter for Class B Emissions
Application Note
Output Voltage
C
3.3
10.00 µF
5
10.00 µF
9
4.70 µF
12
2.20 µF
15
1.00 µF
24
0.47 µF
ISH
+
Vout
C
Load
0 V
+ Vin
-Vin
For ISH2424A model only, add Ycap, 470 µF, 3 kv
6.8 µH
4.7 µF,
50 V
4.7 µF,
50 V
Load Regulation
0
50
Load (%)
For 3.3 V output models
Load (%)
For all other models
Typical Load Curve
70
100
100
105
115
+2.5%
-2.5%
-7.5%
0
50
Typical Load Curve
70
100
100
105
110
+2.5%
-2.5%
-7.5%


Similar Part No. - ISH2424A

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISH37-1R3 ICE-ISH37-1R3 Datasheet
317Kb / 2P
   SMT Power Inductor
ISH37-1R3 ICE-ISH37-1R3 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
ISH37-2R1 ICE-ISH37-2R1 Datasheet
317Kb / 2P
   SMT Power Inductor
ISH37-2R1 ICE-ISH37-2R1 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
ISH37-3R2 ICE-ISH37-3R2 Datasheet
317Kb / 2P
   SMT Power Inductor
More results

Similar Description - ISH2424A

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com