Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VES90PS12 Datasheet(PDF) 4 Page - XP Power Limited

Part # VES90PS12
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VES90PS12 Datasheet(HTML) 4 Page - XP Power Limited

  VES90PS12 Datasheet HTML 1Page - XP Power Limited VES90PS12 Datasheet HTML 2Page - XP Power Limited VES90PS12 Datasheet HTML 3Page - XP Power Limited VES90PS12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Safety Approvals
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD
EN61000-4-2
±15 kV Air, ±8 kV contact
A
Radiated
EN61000-4-3
3 V/m
A
EFT/Burst
EN61000-4-4
2A
Surge
EN61000-4-5
Installation Class 3
A
Conducted
EN61000-4-6
3 V
A
Magnetic Fields
EN61000-4-8
3 A/m
A
Dips and Interruptions
EN61000-4-11
Dip: 30% 500 ms
A/B
High Line/Low Line
Dip: 60% 200 ms
A/B
High Line/Low Line
Dip: 100% 5000 ms
B
Int: 100% 10 ms
A
Safety Agency
Safety Standard
Notes & Conditions
UL
UL60950-1
ITE. 19, 24 & 47 V models meets LPS
TUV
EN60950-1
CB
IEC60950-1
CCC
China Compulsory Certification (CCC) Qualified
VES90 Series
www.xppower.com
AC-DC Power Supplies
1. All dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum, except
output cable length.
2. Output connector: Power Mini DIN, mates with Kycon KPJ-4S or equivalent.
3. Weight: 0.82 lbs (370 g) approx.
Notes
Mechanical Details
12-Nov-15
5.47 (139.0)
2.28
(58.0)
1.22
(31.0)
LED Indicator
Rating Label
47.24 ±0.79 (1200 ±20)
1 3
4
2
Pin
Function
1
Output +
2
Output +
3
Return
4
Return
Shell
Connected to output
return and input ground


Similar Part No. - VES90PS12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VES9600 ETC1-VES9600 Datasheet
100Kb / 11P
   SINGLE CHIP DVB-T CHANNEL RECEIVER
Rev1.2
More results

Similar Description - VES90PS12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com