Electronic Components Datasheet Search |
|
FM4007 Datasheet(PDF) 1 Page - Shunye Enterprise |
|
FM4007 Datasheet(HTML) 1 Page - Shunye Enterprise |
1 / 2 page FEATURES ◇ Glass passivated device ◇ Ideal for surface mouted applications ◇ Low leakage current ◇ Metallurgically bonded construction MECHANICAL DATA ◇ Case:JEDEC DO-213AB,molded plastic over passivated chip ◇ Terminals:Solder Plated, solderable per MIL-STD-750, Method 2026 ◇ Polarity: Color band denotes cathode end ◇ Weight: 0.0046 ounces, 0.116 gram ◇ Mounting position: Any MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25℃ ambient temperature unless otherwise specified. Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%. 4001 4003 4004 4005 4006 4007 Maximum recurrent peak reverse voltage VRRM 50 200 400 600 800 1000 V Maximum RMS voltage VRMS 35 140 280 420 560 700 V Maximum DC blocking voltage VDC 50 200 400 600 800 1000 V Maximum average forword rectified current TA=75℃ Peak forward surge current 8.3ms single half-sine-wave superimposed on rated load (JEDEC method) Maximum forward voltage at 1.0A VF V Maximum DC reverse current @TA=25℃ at rated DC blockjing voltage @TA=125℃ Typical junction capacitance (NOTE 1) Cj pF Typical thermal resistance (NOTE 2) RjθL ℃/W Typical thermal resistance (NOTE 3) RjθA ℃/W Operating temperature range Tj ℃ Storage temperature range TSTG ℃ 2. Thermal resistance junction to lead, 6.0 mm 2 coppeer pads to each terminal. 3. Thermal resistance junction to ambient, 6.0 mm 2 coppeer pads to each terminal. IFSM 1.1 FM FM FM - 55 --- + 175 A MELF 70 100 μA 15 30 20 50 4002 UNITS FM FM FM FM 50 100 5.0 NOTES:1. Measured at 1.0MHz and applied average voltage of 4.0V DC. A IR - 55 --- + 175 I(AV) 1.0 FM4001 THRU FM4007 GENERAL PURPOSE SILICON RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere www.shunyegroup.com.cn |
Similar Part No. - FM4007 |
|
Similar Description - FM4007 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |