Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC594DE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74HC594DE4
Description  8-Bit Shift Registers With Output Registers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC594DE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HC594DE4 Datasheet HTML 2Page - Texas Instruments SN74HC594DE4 Datasheet HTML 3Page - Texas Instruments SN74HC594DE4 Datasheet HTML 4Page - Texas Instruments SN74HC594DE4 Datasheet HTML 5Page - Texas Instruments SN74HC594DE4 Datasheet HTML 6Page - Texas Instruments SN74HC594DE4 Datasheet HTML 7Page - Texas Instruments SN74HC594DE4 Datasheet HTML 8Page - Texas Instruments SN74HC594DE4 Datasheet HTML 9Page - Texas Instruments SN74HC594DE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
SN54HC594, SN74HC594
SCLS040G – DECEMBER 1982 – REVISED MARCH 2015
www.ti.com
6.6 Switching Characteristics: CL = 50 pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 4)
SN54HC594(1)
SN74HC594
SN74HC594
TA = 25°C
FROM
TO
–55°C to 125°C
–40°C to 85°C
–40°C to 125°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
2 V
5
8
3.3
4
4
fmax
4.5 V
25
35
17
20
20
MHz
6 V
29
40
20
24
24
2 V
50
150
225
185
200
SRCLK
QH’
4.5 V
20
30
45
37
42
6 V
15
25
38
31
36
tpd
ns
2 V
50
150
225
185
200
RCLK
QA – QH
4.5 V
20
30
45
37
42
6 V
15
25
38
31
36
2 V
50
150
225
185
200
SRCLR
QH’
4.5 V
20
30
45
37
42
6 V
15
25
38
31
36
tPHL
ns
2 V
50
125
185
155
170
RCLR
QA – QH
4.5 V
20
25
37
31
36
6 V
15
21
31
26
31
2 V
38
75
110
95
110
QH’
4.5 V
8
15
22
19
21
6 V
6
13
19
16
18
tt
ns
2 V
38
60
90
75
85
QA – QH
4.5 V
8
12
18
15
17
6 V
6
10
15
13
15
(1)
Product Preview
6.7 Switching Characteristics: CL = 150 pF
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 4)
SN54HC594(1)
SN74HC594
SN74HC594
TA = 25°C
FROM
TO
–55°C to 125°C
–40°C to 85°C
–40°C to 125°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
2 V
90
200
300
250
270
tpd
RCLK
QA – QH
4.5 V
23
40
60
50
55
ns
6 V
19
34
51
43
48
2 V
90
200
300
250
270
tPHL
RCLR
QA – QH
4.5 V
23
40
60
50
55
ns
6 V
19
34
51
43
48
2 V
45
210
315
265
285
tt
QA – QH
4.5 V
17
42
63
53
58
ns
6 V
13
36
53
45
50
(1)
Product Preview
6
Submit Documentation Feedback
Copyright © 1982–2015, Texas Instruments Incorporated
SN74HC594


Similar Part No. - SN74HC594DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC594DE4 TI1-SN74HC594DE4 Datasheet
946Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

Similar Description - SN74HC594DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com