Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV06AD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV06AD
Description  Hex Inverter Buffers/Drivers With Open-Drain Outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV06AD Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LV06AD Datasheet HTML 6Page - Texas Instruments SN74LV06AD Datasheet HTML 7Page - Texas Instruments SN74LV06AD Datasheet HTML 8Page - Texas Instruments SN74LV06AD Datasheet HTML 9Page - Texas Instruments SN74LV06AD Datasheet HTML 10Page - Texas Instruments SN74LV06AD Datasheet HTML 11Page - Texas Instruments SN74LV06AD Datasheet HTML 12Page - Texas Instruments SN74LV06AD Datasheet HTML 13Page - Texas Instruments SN74LV06AD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Vcc
Unused Input
Input
Output
Input
Unused Input
Output
VCC (V)
0
1
2
3
4
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
D003
VOUT input low
VOUT input high
10
SN54LV06A, SN74LV06A
SCES336J – MAY 2000 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: SN54LV06A SN74LV06A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curves
Figure 6. Output During Power Up with 4 k Pull-up at 3.3 V
10 Power Supply Recommendations
The power supply can be any voltage between the MIN and MAX supply voltage rating located in the
Recommended Operating Conditions. Each VCC terminal should have a good bypass capacitor to prevent power
disturbance. For devices with a single supply, a 0.1
μF capacitor is recommended. If there are multiple VCC
terminals then 0.01
μF or 0.022 μF capacitor is recommended for each power terminal. It is acceptable to parallel
multiple bypass capacitors to reject different frequencies of noise. 0.1
μF and 1 μF capacitors are commonly
used in parallel. The bypass capacitor should be installed as close to the power terminal as possible for best
results.
11 Layout
11.1 Layout Guidelines
When using multiple bit logic devices, inputs should not float.
In many cases, functions or parts of functions of digital logic devices are unused, for example, when only two
inputs of a triple-input AND gate are used or only 3 of the 4 buffer gates are used. Such input pins should not be
left unconnected because the undefined voltages at the outside connections result in undefined operational
states. Specified below are the rules that must be observed under all circumstances. All unused inputs of digital
logic devices must be connected to a high or low bias to prevent them from floating. The logic level that should
be applied to any particular unused input depends on the function of the device. Generally they will be tied to
GND or VCC whichever make more sense or is more convenient. It is generally OK to float outputs unless the
part is a transceiver.
11.2 Layout Example
Figure 7. Layout Diagram


Similar Part No. - SN74LV06AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV06AD TI-SN74LV06AD Datasheet
328Kb / 13P
[Old version datasheet]   HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS
SN74LV06AD TI-SN74LV06AD Datasheet
470Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LV06AD TI-SN74LV06AD Datasheet
568Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LV06ADBR TI-SN74LV06ADBR Datasheet
328Kb / 13P
[Old version datasheet]   HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS
SN74LV06ADBR TI-SN74LV06ADBR Datasheet
470Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74LV06AD

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74LVC06A_101 TI-SN74LVC06A_101 Datasheet
738Kb / 21P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74LV06A HITACHI-HD74LV06A Datasheet
46Kb / 11P
   Hex Inverter Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN54LVC06A TI-SN54LVC06A Datasheet
121Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LV06A TI-SN74LV06A Datasheet
328Kb / 13P
[Old version datasheet]   HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS
SN54LVC06A TI-SN54LVC06A_07 Datasheet
665Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A_15 Datasheet
164Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74LV06A TI-SN74LV06A_10 Datasheet
568Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV06A TI-SN54LV06A_07 Datasheet
470Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV06A RENESAS-HD74LV06A_15 Datasheet
125Kb / 10P
   Hex Inverter Buffers / Drivers with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com