Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LV132A Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54LV132A
Description  Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LV132A Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54LV132A_15 Datasheet HTML 2Page - Texas Instruments SN54LV132A_15 Datasheet HTML 3Page - Texas Instruments SN54LV132A_15 Datasheet HTML 4Page - Texas Instruments SN54LV132A_15 Datasheet HTML 5Page - Texas Instruments SN54LV132A_15 Datasheet HTML 6Page - Texas Instruments SN54LV132A_15 Datasheet HTML 7Page - Texas Instruments SN54LV132A_15 Datasheet HTML 8Page - Texas Instruments SN54LV132A_15 Datasheet HTML 9Page - Texas Instruments SN54LV132A_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SN54LV132A, SN74LV132A
SCLS394J – APRIL 1999 – REVISED FEBRUARY 2015
www.ti.com
7.6 Switching Characteristics
over recommended operating free-air temperature range, VCC = 2.5 V ±0.2 V (unless otherwise noted) (see Figure 3)
TA = 25°C
SN54LV132A(1)
SN74LV132A
LOAD
PARAMETER
FROM (INPUT)
TO (OUTPUT)
UNIT
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
7.9(2)
16.5(2)
1(2)
18.5(2)
1
18.5
tpd
A or B
Y
ns
CL = 50 pF
10.8
20.2
1
23
1
23
(1)
SN54LV132A is in product preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
7.7 Switching Characteristics
over recommended operating free-air temperature range, VCC = 3.3 V ±0.3 V (unless otherwise noted) (see Figure 3)
TA = 25°C
SN54LV132A(1)
SN74LV132A
LOAD
PARAMETER
FROM (INPUT)
TO (OUTPUT)
UNIT
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
5.6(2)
11.9(2)
1(2)
14(2)
1
14
tpd
A or B
Y
ns
CL = 50 pF
7.6
15.4
1
17.5
1
17.5
(1)
SN54LV132A is in product preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
7.8 Switching Characteristics
over recommended operating free-air temperature range, VCC = 5 V ±0.5 V (unless otherwise noted) (see Figure 3)
TA = 25°C
SN54LV132A(1)
SN74LV132A
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
3.9(2)
7.7(2)
1(2)
9(2)
1
9
tpd
A or B
Y
ns
CL = 50 pF
5.3
9.7
1
11
1
11
(1)
SN54LV132A is in product preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
7.9 Noise Characteristics for SN74LV132A
VCC = 3.3 V, CL = 50 pF, TA = 25°C
(1)
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.21
0.8
VOL(V)
Quiet output, minimum dynamic VOL
–0.09
–0.8
VOH(V)
Quiet output, minimum dynamic VOH
3.12
V
VIH(D)
High-level dynamic input voltage
2.31
VIL(D)
Low-level dynamic input voltage
0.99
(1)
Characteristics are for surface-mount packages only.
7.10 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
3.3 V
7.5
Cpd
Power dissipation capacitance
CL = 50 pF, f = 10 MHz
pF
5 V
11.2
6
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: SN54LV132A SN74LV132A


Similar Part No. - SN54LV132A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV132AFK TI-SN54LV132AFK Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132AJ TI-SN54LV132AJ Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132AW TI-SN54LV132AW Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN54LV132A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132 TI-SN54HC132 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132 Datasheet
130Kb / 8P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132-DIE TI1-SN54HC132-DIE Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com