Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC594DW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC594DW
Description  8-Bit Shift Registers With Output Registers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC594DW Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC594DW Datasheet HTML 1Page - Texas Instruments SN74HC594DW Datasheet HTML 2Page - Texas Instruments SN74HC594DW Datasheet HTML 3Page - Texas Instruments SN74HC594DW Datasheet HTML 4Page - Texas Instruments SN74HC594DW Datasheet HTML 5Page - Texas Instruments SN74HC594DW Datasheet HTML 6Page - Texas Instruments SN74HC594DW Datasheet HTML 7Page - Texas Instruments SN74HC594DW Datasheet HTML 8Page - Texas Instruments SN74HC594DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
R
3R
C3
3S
1D
C1
R
R
3R
C3
3S
2R
C2
R
2S
R
3R
C3
3S
2R
C2
R
2S
R
3R
C3
3S
2R
C2
R
2S
R
3R
C3
3S
2R
C2
R
2S
R
3R
C3
3S
2R
C2
R
2S
R
3R
C3
3S
2R
C2
R
2S
R
3R
C3
3S
2R
C2
R
2S
13
12
10
11
14
15
1
2
3
4
5
6
7
9
QA
QB
QC
QD
QE
QF
QG
QH
QH′
RCLR
SRCLR
RCLK
SRCLK
SER
Pin numbers shown are for the D, DW, J, N, and W packages.
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54HC594, SN74HC594
SCLS040G – DECEMBER 1982 – REVISED MARCH 2015
SNx4HC594 8-Bit Shift Registers With Output Registers
1 Features
3 Description
The SNx4HC594 devices contain an 8-bit serial-in,
1
Wide Operating Voltage Range of 2 V to 6 V
parallel-out shift register that feeds an 8-bit D-type
High-Current Outputs Can Drive up to
storage
register.
Separate
clocks
and
direct
15 LSTTL Loads
overriding clear (RCLR, SRCLR) inputs are provided
Low Power Consumption, 80-µA Maximum ICC
on both the shift and storage registers. A serial (QH’)
output is provided for cascading purposes.
Typical tpd = 15 ns
±6-mA Output Drive at 5 V
Both the shift register (SRCLK) and storage register
(RCLK) clocks are positive edge triggered. If both
Low Input Current of 1 µA Maximum
clocks are connected together, the shift register
8-Bit Serial-In, Parallel-Out Shift Registers With
always is one count pulse ahead of the storage
Storage
register.
Independent Direct Overriding Clears on Shift and
The parallel (QA − QH) outputs have high-current
Storage Registers
capability. QH’ is a standard output.
Independent Clocks for Both Shift and
Storage Registers
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
PDIP (16)
19.30 mm × 6.35 mm
Pro Audio Mixer
SN74HC594
9.00 mm × 9.00 mm
SOIC (16)
10.30 mm × 7.50 mm
Elevators and Escalators
Human Machine Interface (HMI): Industrial
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Monitor
Entertainment Systems
Logic Diagram (Positive Logic)
Grid Infrastructure: Grid Control
Access Control and Security: DVR and DVS
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - SN74HC594DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC594DW TI1-SN74HC594DW Datasheet
946Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74HC594DWE4 TI1-SN74HC594DWE4 Datasheet
946Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74HC594DWG4 TI1-SN74HC594DWG4 Datasheet
946Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74HC594DWR TI1-SN74HC594DWR Datasheet
946Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74HC594DWRE4 TI1-SN74HC594DWRE4 Datasheet
946Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

Similar Description - SN74HC594DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com