Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC165N3 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74HC165N3
Description  8-Bit Parallel-Load Shift Registers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC165N3 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HC165N3 Datasheet HTML 6Page - Texas Instruments SN74HC165N3 Datasheet HTML 7Page - Texas Instruments SN74HC165N3 Datasheet HTML 8Page - Texas Instruments SN74HC165N3 Datasheet HTML 9Page - Texas Instruments SN74HC165N3 Datasheet HTML 10Page - Texas Instruments SN74HC165N3 Datasheet HTML 11Page - Texas Instruments SN74HC165N3 Datasheet HTML 12Page - Texas Instruments SN74HC165N3 Datasheet HTML 13Page - Texas Instruments SN74HC165N3 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
SN54HC165, SN74HC165
SCLS116H – DECEMBER 1982 – REVISED DECEMBER 2015
www.ti.com
Timing Requirements, SN74HC165 (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
VCC
TEMPERATURE
MIN
MAX
UNIT
2 V
TA = –40°C to 85°C
100
TA = –40°C to 125°C
120
4.5 V
TA = –40°C to 85°C
20
SH/LD high
before CLK
TA = –40°C to 125°C
24
6 V
TA = –40°C to 85°C
17
TA = –40°C to 125°C
20
2 V
TA = –40°C to 85°C
50
TA = –40°C to 125°C
60
4.5 V
TA = –40°C to 85°C
10
SER before
CLK
TA = –40°C to 125°C
12
6 V
TA = –40°C to 85°C
9
TA = –40°C to 125°C
10
2 V
TA = –40°C to 85°C
125
TA = –40°C to 125°C
150
4.5 V
TA = –40°C to 85°C
25
CLK INH low
tsu
Set-up time
ns
before CLK
TA = –40°C to 125°C
30
6 V
TA = –40°C to 85°C
21
TA = –40°C to 125°C
25
2 V
TA = –40°C to 85°C
50
TA = –40°C to 125°C
60
4.5 V
TA = –40°C to 85°C
10
CLK INH high
before CLK
TA = –40°C to 125°C
12
6 V
TA = –40°C to 85°C
9
TA = –40°C to 125°C
10
2 V
TA = –40°C to 85°C
125
TA = –40°C to 125°C
150
4.5 V
TA = –40°C to 85°C
25
Data before
SH/LD
TA = –40°C to 125°C
30
6 V
TA = –40°C to 85°C
21
TA = –40°C to 125°C
26
2 V
TA = –40°C to 125°C
5
SER data after
4.5 V
TA = –40°C to 125°C
5
CLK
6 V
TA = –40°C to 125°C
5
th
Hold time
ns
2 V
TA = –40°C to 125°C
5
PAR data after
4.5 V
TA = –40°C to 125°C
5
SH/LD
6 V
TA = –40°C to 125°C
5
6.14 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
75
pF
10
Submit Documentation Feedback
Copyright © 1982–2015, Texas Instruments Incorporated
Product Folder Links: SN54HC165 SN74HC165


Similar Part No. - SN74HC165N3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC165N3 TI-SN74HC165N3 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74HC165N3 TI-SN74HC165N3 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results

Similar Description - SN74HC165N3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com