Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV00ANSRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LV00ANSRG4
Description  Quadruple 2-Input Positive-NAND Gates
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV00ANSRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV00ANSRG4 Datasheet HTML 2Page - Texas Instruments SN74LV00ANSRG4 Datasheet HTML 3Page - Texas Instruments SN74LV00ANSRG4 Datasheet HTML 4Page - Texas Instruments SN74LV00ANSRG4 Datasheet HTML 5Page - Texas Instruments SN74LV00ANSRG4 Datasheet HTML 6Page - Texas Instruments SN74LV00ANSRG4 Datasheet HTML 7Page - Texas Instruments SN74LV00ANSRG4 Datasheet HTML 8Page - Texas Instruments SN74LV00ANSRG4 Datasheet HTML 9Page - Texas Instruments SN74LV00ANSRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SN54LV00A, SN74LV00A
SCLS389K – SEPTEMBER 1997 – REVISED FEBRUARY 2015
www.ti.com
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C to 85°C
–40°C to 125°C
SN54LV00A(1)
SN74LV00A
SN74LV00A
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V to
VCC
VCC
IOH = –50 µA
VCC – 0.1
5.5 V
0.1
0.1
IOH = –2 mA
2.3 V
2
2
2
VOH
V
IOH = –6 mA
3 V
2.48
2.48
2.48
IOH = –12 mA
4.5 V
3.8
3.8
3.8
2 V to
IOL = 50 µA
0.1
0.1
0.1
5.5 V
IOL = 2 mA
2.3 V
0.4
0.4
0.4
VOL
V
IOL = 6 mA
3 V
0.44
0.44
0.44
IOL = 12 mA
4.5 V
0.55
0.55
0.55
0 to
II
VI = 5.5 V or GND
±1
±1
±1
µA
5.5 V
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
20
20
µA
Ioff
VI or VO = 0 to 5.5 V
0
5
5
5
µA
3.3 V
3.3
3.3
Ci
VI = VCC or GND
pF
5 V
3.3
3.3
(1)
Product Preview.
7.6 Switching Characteristics, VCC = 2.5 V ± 0.2 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
–40°C to 85°C
–40°C to 125°C
TA = 25°C
SN54LV00A(1)
FROM
TO
LOAD
SN74LV00A
SN74LV00A
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
7.1(2)
12.9(2)
1(2)
16(2)
1
15
1
16
tpd
A
Y
ns
CL = 50 pF
9.6
16.6
1
21
1
20
1
21
(1)
Product Preview.
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
7.7 Switching Characteristics, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
–40°C to 85°C
–40°C to 125°C
TA = 25°C
SN54LV00A(1)
FROM
TO
LOAD
SN74LV00A
SN74LV00A
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
5(2)
7.9(2)
1(2)
10.5(2)
1
9.5
1
10.5
tpd
A
Y
ns
CL = 50 pF
6.9
11.4
1
14
1
13
1
14
(1)
Product Preview.
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
7.8 Switching Characteristics, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
–40°C to 85°C
–40°C to 125°C
TA = 25°C
SN54LV00A(1)
FROM
TO
LOAD
SN74LV00A
SN74LV00A
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
3.6(2)
5.5(2)
1(3)
7.5(3)
1
6.5
1
7
tpd
A
Y
ns
CL = 50 pF
4.9
7.5
1
9.5
1
8.5
1
9
(1)
Product Preview.
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(3)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
6
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: SN54LV00A SN74LV00A


Similar Part No. - SN74LV00ANSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV00ANSRG4 TI-SN74LV00ANSRG4 Datasheet
409Kb / 14P
[Old version datasheet]   QUADRUPLE 2 INPUT POSITIVE NAND GATES
SN74LV00ANSRG4 TI-SN74LV00ANSRG4 Datasheet
536Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LV00ANSRG4 TI-SN74LV00ANSRG4 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74LV00ANSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00_14 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com