Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV00APWG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LV00APWG4
Description  Quadruple 2-Input Positive-NAND Gates
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV00APWG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV00APWG4 Datasheet HTML 1Page - Texas Instruments SN74LV00APWG4 Datasheet HTML 2Page - Texas Instruments SN74LV00APWG4 Datasheet HTML 3Page - Texas Instruments SN74LV00APWG4 Datasheet HTML 4Page - Texas Instruments SN74LV00APWG4 Datasheet HTML 5Page - Texas Instruments SN74LV00APWG4 Datasheet HTML 6Page - Texas Instruments SN74LV00APWG4 Datasheet HTML 7Page - Texas Instruments SN74LV00APWG4 Datasheet HTML 8Page - Texas Instruments SN74LV00APWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54LV00A, SN74LV00A
SCLS389K – SEPTEMBER 1997 – REVISED FEBRUARY 2015
Quadruple 2-Input Positive-NAND Gates
1 Features
2 Applications
1
2-V to 5.5-V VCC Operation
Power Infrastructure
Max tpd of 6.5 ns at 5 V
Network Switch
Typical VOLP (Output Ground Bounce)
Automotive Infotainment
< 0.8 V at VCC = 3.3 V, TA = 25°C
Servers
Typical VOHV (Output VOH Undershoot)
3 Description
> 2.3 V at VCC = 3.3 V, TA = 25°C
These quadruple 2-input positive-NAND gates are
Support Mixed-Mode Voltage Operation on
designed for 2-V to 5.5-V VCC operation.
All Ports
Ioff Supports Live Insertion, Partial Power Down
The
SNx4LV00A
devices
perform
the
boolean
function Y = A
● B or Y = A + B in positive logic.
Mode, and Back Drive Protection
Latch-Up Performance Exceeds 250 mA
Device Information(1)
Per JESD 17
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ESD Protection Exceeds JESD 22
VQFN (14)
3.50 mm x 3.50 mm
2000-V Human-Body Model
SOIC (14)
8.65 mm × 3.91 mm
200-V Machine Model
SNx4LV00A
SOP (14)
10.30 mm x 5.30 mm
SSOP (14)
6.20 mm x 5.30 mm
1000-V Charged-Device Model
TSSOP (14)
5.00 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LV00APWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV00APWG4 TI-SN74LV00APWG4 Datasheet
409Kb / 14P
[Old version datasheet]   QUADRUPLE 2 INPUT POSITIVE NAND GATES
SN74LV00APWG4 TI-SN74LV00APWG4 Datasheet
536Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LV00APWG4 TI-SN74LV00APWG4 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74LV00APWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00_14 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com