Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC595DRG3 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC595DRG3
Description  8-Bit Shift Registers With 3-State Output Registers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC595DRG3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HC595DRG3 Datasheet HTML 3Page - Texas Instruments SN74HC595DRG3 Datasheet HTML 4Page - Texas Instruments SN74HC595DRG3 Datasheet HTML 5Page - Texas Instruments SN74HC595DRG3 Datasheet HTML 6Page - Texas Instruments SN74HC595DRG3 Datasheet HTML 7Page - Texas Instruments SN74HC595DRG3 Datasheet HTML 8Page - Texas Instruments SN74HC595DRG3 Datasheet HTML 9Page - Texas Instruments SN74HC595DRG3 Datasheet HTML 10Page - Texas Instruments SN74HC595DRG3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
SN54HC595, SN74HC595
www.ti.com
SCLS041I – DECEMBER 1982 – REVISED SEPTEMBER 2015
7.6 Timing Requirements
over operating free-air temperature range (unless otherwise noted)
TA = 25°C
SN54HC595
SN74HC595
VCC
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
2 V
6
4.2
5
fclock
Clock frequency
4.5 V
31
21
25
MHz
6 V
36
25
29
2 V
80
120
100
SRCLK or RCLK high or low
4.5 V
16
24
20
6 V
14
20
17
tw
Pulse duration
ns
2 V
80
120
100
SRCLR low
4.5 V
16
24
20
6 V
14
20
17
2 V
100
150
125
SER before SRCLK
4.5 V
20
30
25
6 V
17
25
21
2 V
75
113
94
SRCLK
↑ before RCLK↑(1)
4.5 V
15
23
19
6 V
13
19
16
tsu
Set-up time
ns
2 V
50
75
65
SRCLR low before RCLK
4.5 V
10
15
13
6 V
9
13
11
2 V
50
75
60
SRCLR high (inactive) before SRCLK
4.5 V
10
15
12
6 V
9
13
11
2 V
0
0
0
th
Hold time, SER after SRCLK
4.5 V
0
0
0
ns
6 V
0
0
0
(1)
This set-up time allows the storage register to receive stable data from the shift register. The clocks can be tied together, in which case
the shift register is one clock pulse ahead of the storage register.
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54HC595 SN74HC595


Similar Part No. - SN74HC595DRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC595DRG3 TI-SN74HC595DRG3 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595DRG3 TI-SN74HC595DRG3 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SN74HC595DRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595 Datasheet
163Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com