Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV06APWT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV06APWT
Description  Hex Inverter Buffers/Drivers With Open-Drain Outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV06APWT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV06APWT Datasheet HTML 1Page - Texas Instruments SN74LV06APWT Datasheet HTML 2Page - Texas Instruments SN74LV06APWT Datasheet HTML 3Page - Texas Instruments SN74LV06APWT Datasheet HTML 4Page - Texas Instruments SN74LV06APWT Datasheet HTML 5Page - Texas Instruments SN74LV06APWT Datasheet HTML 6Page - Texas Instruments SN74LV06APWT Datasheet HTML 7Page - Texas Instruments SN74LV06APWT Datasheet HTML 8Page - Texas Instruments SN74LV06APWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
A
Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN54LV06A, SN74LV06A
SCES336J – MAY 2000 – REVISED JANUARY 2016
SNx4LV06A Hex Inverter Buffers/Drivers With Open-Drain Outputs
1
1 Features
1
2-V to 5.5-V VCC Operation
Max tpd of 6.5 ns at 5 V
Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
Typical VOHV (Output VOH Undershoot)
> 2.3 V at VCC = 3.3 V, TA = 25°C
Outputs are Disabled During Power Up
and Power Down With Inputs Tied to VCC
Support Mixed-Mode Voltage Operation
on All Ports
Ioff Supports Live insertion, Partial Power Down
Mode, and Back Drive Protection
Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
ESD Protection Exceeds JESD 22
2500-V Human-Body Model (A114-1)
200-V Machine Model (A115-A)
2000-V Charged-Device Mode (C101)
2 Applications
Servers
Telecom Infrastructures
TV Set-Top Boxes
UPS
Printers
Elevators, and Escalators
EPOS, ECR, and Cash Drawers
Vending, Payment, Cash Machines
3 Description
These hex inverter buffers/drivers are designed for 2-
V to 5.5-V VCC operation.
The
SN74LV06A
device
performs
the
Boolean
function Y = A in positive logic.
The open-drain output require pull-up resistors to
perform correctly and can be connected to other
open-drain outputs to implement active-low wired-OR
or active-high wired-AND functions.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LV06A
TVSOP (14)
3.60 mm x 4.40 mm
SOIC (14)
8.65 mm × 3.91 mm
SOP (14)
10.30 mm x 5.30 mm
SSOP (14)
6.20 mm x 5.30 mm
TSSOP (14)
5.00 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACER
SPACER
Simplified Schematic


Similar Part No. - SN74LV06APWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV06APWT TI-SN74LV06APWT Datasheet
328Kb / 13P
[Old version datasheet]   HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS
SN74LV06APWT TI-SN74LV06APWT Datasheet
470Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LV06APWT TI-SN74LV06APWT Datasheet
568Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LV06APWTE4 TI-SN74LV06APWTE4 Datasheet
328Kb / 13P
[Old version datasheet]   HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS
SN74LV06APWTE4 TI-SN74LV06APWTE4 Datasheet
470Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74LV06APWT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74LVC06A_101 TI-SN74LVC06A_101 Datasheet
738Kb / 21P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74LV06A HITACHI-HD74LV06A Datasheet
46Kb / 11P
   Hex Inverter Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN54LVC06A TI-SN54LVC06A Datasheet
121Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LV06A TI-SN74LV06A Datasheet
328Kb / 13P
[Old version datasheet]   HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS
SN54LVC06A TI-SN54LVC06A_07 Datasheet
665Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A_15 Datasheet
164Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74LV06A TI-SN74LV06A_10 Datasheet
568Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV06A TI-SN54LV06A_07 Datasheet
470Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV06A RENESAS-HD74LV06A_15 Datasheet
125Kb / 10P
   Hex Inverter Buffers / Drivers with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com