Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV374ADWG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV374ADWG4
Description  Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV374ADWG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV374ADWG4 Datasheet HTML 2Page - Texas Instruments SN74LV374ADWG4 Datasheet HTML 3Page - Texas Instruments SN74LV374ADWG4 Datasheet HTML 4Page - Texas Instruments SN74LV374ADWG4 Datasheet HTML 5Page - Texas Instruments SN74LV374ADWG4 Datasheet HTML 6Page - Texas Instruments SN74LV374ADWG4 Datasheet HTML 7Page - Texas Instruments SN74LV374ADWG4 Datasheet HTML 8Page - Texas Instruments SN74LV374ADWG4 Datasheet HTML 9Page - Texas Instruments SN74LV374ADWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
SN54LV374A, SN74LV374A
SCLS408I – APRIL 1998 – REVISED MARCH 2015
www.ti.com
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
SN74LV374A
SN74LV374A
SN54LV384A(1)
–40°C to 85°C
–40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
IOH = −50 µA
2 V to 5.5 V
VCC−0.1
VCC−0.1
VCC−0.1
IOH = −2 mA
2.3 V
2
2
2
VOH
V
IOH = –8 mA
3 V
2.48
2.48
2.48
IOH = −16 mA
4.5 V
3.8
3.8
3.8
IOL = 50 µA
2 V to 5.5 V
0.1
0.1
0.1
IOL = 2 mA
2.3 V
0.4
0.4
0.4
VOL
V
IOL = 8 mA
3 V
0.44
0.44
0.44
IOL = 16 mA
4.5 V
0.55
0.55
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±1
±1
±1
µA
IOZ
VO = VCC or GND
5.5 V
±5
±5
±5
µA
ICC
VI = VCC or GND , IO = 0
5.5 V
20
20
20
µA
Ioff
VI or VO = 0 to 5.5 V
0
5
5
5
µA
Ci
VI = VCC or GND
3.3 V
2.9
2.9
2.9
pF
(1)
PRODUCT PREVIEW
6.6 Switching Characteristics: VCC = 2.5 V ± 0.2 V
over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V (unless otherwise noted)
SN74LV374A
SN74LV374A
TA = 25°C
SN54LV374A
FROM
TO
LOAD
–40°C to 85°C
–40°C to 125°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
60(1)
105(1)
50(1)
50
50
fmax
MHz
CL = 50 pF
50
85
40
40
40
tpd
CLK
Q
9.7(1)
16.3(1)
1(1)
19(1)
1
19
1
20.5
ten
OE
Q
CL = 15 pF
8.9(1)
15.9(1)
1(1)
19(1)
1
19
1
20.5
ns
tdis
OE
Q
6.3(1)
12.6(1)
1(1)
15(1)
1
15
1
16.5
tpd
CLK
Q
11.8
19.3
1
23
1
23
1
24.5
ten
OE
Q
10.9
18.8
1
22
1
22
1
23.5
CL = 50 pF
ns
tdis
OE
Q
8.2
17.3
1
19
1
19
1
20.5
tsk(o)
2
2
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
6
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
SN74LV374A


Similar Part No. - SN74LV374ADWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV374ADW TI-SN74LV374ADW Datasheet
584Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LV374ADW TI-SN74LV374ADW Datasheet
585Kb / 17P
[Old version datasheet]   OCTAL EDGE TRIGGERED D TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
SN74LV374ADW TI-SN74LV374ADW Datasheet
847Kb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LV374ADWE4 TI-SN74LV374ADWE4 Datasheet
584Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LV374ADWE4 TI-SN74LV374ADWE4 Datasheet
847Kb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV374ADWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com