Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LVC14A Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54LVC14A
Description  Hex Schmitt-Trigger Inverters
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LVC14A Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54LVC14A_15 Datasheet HTML 2Page - Texas Instruments SN54LVC14A_15 Datasheet HTML 3Page - Texas Instruments SN54LVC14A_15 Datasheet HTML 4Page - Texas Instruments SN54LVC14A_15 Datasheet HTML 5Page - Texas Instruments SN54LVC14A_15 Datasheet HTML 6Page - Texas Instruments SN54LVC14A_15 Datasheet HTML 7Page - Texas Instruments SN54LVC14A_15 Datasheet HTML 8Page - Texas Instruments SN54LVC14A_15 Datasheet HTML 9Page - Texas Instruments SN54LVC14A_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
SN54LVC14A, SN74LVC14A
SCAS285AA – MARCH 1993 – REVISED JUNE 2015
www.ti.com
Recommended Operating Conditions, SN54LVC14A
(1)
(continued)
SN54LVC14A
–55 TO 125°C
UNIT
MIN
MAX
VCC = 2.7 V
–12
IOH
High-level output current
mA
VCC = 3 V
–24
VCC = 2.7 V
12
IOL
Low-level output current
mA
VCC = 3 V
24
7.4 Recommended Operating Conditions, SN74LVC14A
(1)
SN74LVC14A
TA = 25°C
–40 TO 85°C
–40 TO 125°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Operating
1.65
3.6
1.65
3.6
1.65
3.6
VCC
Supply voltage
V
Data retention only
1.5
1.5
1.5
VI
Input voltage
0
5.5
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
VCC = 1.65 V
–4
–4
–4
VCC = 2.3 V
–8
–8
–8
IOH
High-level output current
mA
VCC = 2.7 V
–12
–12
–12
VCC = 3 V
–24
–24
–24
VCC = 1.65 V
4
4
4
VCC = 2.3 V
8
8
8
IOL
Low-level output current
mA
VCC = 2.7 V
12
12
12
VCC = 3 V
24
24
24
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
7.5 Thermal Information
SNx4LVC257A
THERMAL METRIC(1)
D (SOIC)
DB (SSOP)
DGV (TVSOP)
NS (SO)
PW (TSSOP)
RGY (LCCC)
UNIT
14 PINS
20 PINS
Junction-to-ambient thermal
RθJA
86
96
127
76
113
47
°C/W
resistance
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.6 Electrical Characteristics, SN54LVC14A
over operating free-air temperature range (unless otherwise noted)
SN54LVC14A
PARAMETER
TEST CONDITIONS
VCC
–55 TO 125°C
UNIT
MIN
TYP
MAX
2.7 V
0.8
2
Positive-going
VT+
3 V
0.9
2
V
threshold
3.6 V
1.1
2
2.7 V
0.4
1.4
Negative-going
VT–
3 V
0.6
1.5
V
threshold
3.6 V
0.8
1.7
6
Submit Documentation Feedback
Copyright © 1993–2015, Texas Instruments Incorporated
Product Folder Links: SN54LVC14A SN74LVC14A


Similar Part No. - SN54LVC14A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVC14A TI-SN54LVC14A_10 Datasheet
825Kb / 24P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - SN54LVC14A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com