Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC594NE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HC594NE4
Description  8-Bit Shift Registers With Output Registers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC594NE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC594NE4 Datasheet HTML 1Page - Texas Instruments SN74HC594NE4 Datasheet HTML 2Page - Texas Instruments SN74HC594NE4 Datasheet HTML 3Page - Texas Instruments SN74HC594NE4 Datasheet HTML 4Page - Texas Instruments SN74HC594NE4 Datasheet HTML 5Page - Texas Instruments SN74HC594NE4 Datasheet HTML 6Page - Texas Instruments SN74HC594NE4 Datasheet HTML 7Page - Texas Instruments SN74HC594NE4 Datasheet HTML 8Page - Texas Instruments SN74HC594NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
B
C
D
E
F
G
H
Q
Q
Q
Q
Q
Q
Q
GND
VCC
Q
SER
A
RCLR
RCLK
SRCLK
SRCLR
QH′
SN54HC594, SN74HC594
www.ti.com
SCLS040G – DECEMBER 1982 – REVISED MARCH 2015
5 Pin Configuration and Functions
D, DW, or N Package
16-PIN PDIP or SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
QB
O
Output B
2
QC
O
Output C
3
QD
O
Output D
4
QE
O
Output E
5
QF
O
Output F
6
QG
O
Output G
7
QH
O
Output H
8
GND
Ground
9
QH'
O
QH inverted
10
SRCLR
I
Serial clear
11
SRCLK
I
Serial clock
12
RCLK
I
Storage clock
13
RCLK
I
Storage clear
14
SER
I
Serial input
15
QA
O
Output A
16
Vcc
Power pin
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
SN74HC594


Similar Part No. - SN74HC594NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC594NE4 TI1-SN74HC594NE4 Datasheet
946Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

Similar Description - SN74HC594NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com