Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV132APWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV132APWR
Description  Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV132APWR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV132APWR Datasheet HTML 1Page - Texas Instruments SN74LV132APWR Datasheet HTML 2Page - Texas Instruments SN74LV132APWR Datasheet HTML 3Page - Texas Instruments SN74LV132APWR Datasheet HTML 4Page - Texas Instruments SN74LV132APWR Datasheet HTML 5Page - Texas Instruments SN74LV132APWR Datasheet HTML 6Page - Texas Instruments SN74LV132APWR Datasheet HTML 7Page - Texas Instruments SN74LV132APWR Datasheet HTML 8Page - Texas Instruments SN74LV132APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SN54LV132A, SN74LV132A
www.ti.com
SCLS394J – APRIL 1999 – REVISED FEBRUARY 2015
7.4 Thermal Information
over operating free-air temperature range (unless otherwise noted)
D
DB
DGV
NS
PW
THERMAL METRIC(1)
UNIT
14 PINS
RθJA
Junction-to-ambient thermal resistance
90.6
107.1
129.0
90.7
122.6
RθJC(top)
Junction-to-case (top) thermal resistance
50.9
59.6
52.1
48.3
51.4
RθJB
Junction-to-board thermal resistance
44.8
54.4
62.0
49.4
64.4
°C/W
ψJT
Junction-to-top characterization parameter
14.7
20.5
6.5
14.6
6.7
ψJB
Junction-to-board characterization parameter
44.5
53.8
61.3
49.1
63.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
SN54LV132A(1)
SN74LV132A
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
2.5 V
1
1.75
1
1.75
Positive-going input
VT+
3.3 V
1.31
2.31
1.31
2.31
V
threshold voltage
5 V
1.95
3.5
1.95
3.5
2.5 V
0.75
1.5
0.75
1.5
Negative-going input
VT–
3.3 V
0.99
2.07
0.99
2.07
V
threshold voltage
5 V
1.5
3.05
1.5
3.05
2.5 V
0.25
1
0.25
1
Hysteresis
ΔVT
3.3 V
0.33
1.32
0.33
1.32
V
(VT+ − VT−)
5 V
0.5
2
0.5
2
IOH = –50 μA
2 to 5.5 V
VCC – 0.1
VCC – 0.1
IOH = –2 mA
2.3 V
2
2
VOH
V
IOH = –6 mA
3 V
2.48
2.48
IOH = –12 mA
4.5 V
3.8
3.8
IOL = 50 μA
2 to 5.5 V
0.1
0.1
IOL = 2 mA
2.3 V
0.4
0.4
VOL
V
IOL = 6 mA
3 V
0.44
0.44
IOL = 12 mA
4.5 V
0.55
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±1
±1
μA
VI = VCC or GND, IO
ICC
5.5 V
20
20
μA
= 0
Ioff
VI or VO = 0 to 5.5 V
0 V
5
5
μA
Ci
VI = VCC or GND
3.3 V
1.9
1.9
pF
(1)
SN54LV132A is in product preview
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN54LV132A SN74LV132A


Similar Part No. - SN74LV132APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV132APWR TI-SN74LV132APWR Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN74LV132APWR TI-SN74LV132APWR Datasheet
317Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN74LV132APWR TI-SN74LV132APWR Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN74LV132APWR TI-SN74LV132APWR Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN74LV132APWR TI-SN74LV132APWR Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN74LV132APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132 TI-SN54HC132 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132 Datasheet
130Kb / 8P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132-DIE TI1-SN54HC132-DIE Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com