Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC08DBLE Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74AHC08DBLE
Description  Quadruple 2-Input Positive-AND Gates
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC08DBLE Datasheet(HTML) 2 Page - Texas Instruments

  SN74AHC08DBLE Datasheet HTML 1Page - Texas Instruments SN74AHC08DBLE Datasheet HTML 2Page - Texas Instruments SN74AHC08DBLE Datasheet HTML 3Page - Texas Instruments SN74AHC08DBLE Datasheet HTML 4Page - Texas Instruments SN74AHC08DBLE Datasheet HTML 5Page - Texas Instruments SN74AHC08DBLE Datasheet HTML 6Page - Texas Instruments SN74AHC08DBLE Datasheet HTML 7Page - Texas Instruments SN74AHC08DBLE Datasheet HTML 8Page - Texas Instruments SN74AHC08DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
SN74AHC08, SN54AHC08
SCLS236J – MARCH 1996 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Parameter Measurement Information .................. 8
2
Applications ........................................................... 1
9
Detailed Description .............................................. 9
9.1
Overview ................................................................... 9
3
Description ............................................................. 1
9.2
Functional Block Diagram ......................................... 9
4
Revision History..................................................... 2
9.3
Feature Description................................................... 9
5
Device Comparison Table..................................... 3
9.4
Device Functional Modes.......................................... 9
6
Pin Configuration and Functions ......................... 3
10
Application and Implementation........................ 10
7
Specifications......................................................... 4
10.1
Application Information.......................................... 10
7.1
Absolute Maximum Ratings ...................................... 4
10.2
Typical Application ............................................... 10
7.2
ESD Ratings.............................................................. 4
11
Power Supply Recommendations ..................... 11
7.3
Recommended Operating Conditions ....................... 5
12
Layout................................................................... 11
7.4
Thermal Information .................................................. 5
12.1
Layout Guidelines ................................................. 11
7.5
Electrical Characteristics, TA = 25°C ........................ 5
12.2
Layout Example .................................................... 12
7.6
Electrical Characteristics, TA = –55°C to 125°C,
SN54AHC08............................................................... 6
13
Device and Documentation Support ................. 13
7.7
Electrical Characteristics, TA = –40°C to 125°C,
13.1
Related Links ........................................................ 13
SN74AHC08............................................................... 6
13.2
Community Resources.......................................... 13
7.8
Switching Characteristics, VCC = 3.3 V ± 0.3 V ........ 6
13.3
Trademarks ........................................................... 13
7.9
Switching Characteristics, VCC = 5 V ± 0.5 V ........... 7
13.4
Electrostatic Discharge Caution ............................ 13
7.10
Noise Characteristics, SN74AHC08 ....................... 7
13.5
Glossary ................................................................ 13
7.11
Operating Characteristics........................................ 7
14
Mechanical, Packaging, and Orderable
7.12
Typical Characteristics ............................................ 7
Information ........................................................... 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (May 2013) to Revision J
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
Changes from Revision H (March 1996) to Revision I
Page
Changed document format .................................................................................................................................................... 1
Extended operating temperature range to 125°C................................................................................................................... 5
2
Submit Documentation Feedback
Copyright © 1996–2015, Texas Instruments Incorporated
Product Folder Links: SN74AHC08 SN54AHC08


Similar Part No. - SN74AHC08DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC08DBLE TI-SN74AHC08DBLE Datasheet
737Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74AHC08DBLE TI-SN74AHC08DBLE Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74AHC08DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com