Selected language     English  ▼


SN74AHC595_15 Datasheet(PDF) 5 Page - Texas Instruments

Part No. SN74AHC595_15
Description  8-Bit Shift Registers
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 5 page
background image
SN74AHC595
www.ti.com
SCLS373K – MAY 1996 – REVISED SEPTEMBER 2015
6.4 Thermal Information
SN74AHC595
THERMAL METRIC(1)
D (SOIC)
DB (SSOP)
N (PDIP)
PW (TSSOP)
UNIT
16 PINS
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
73
97.8
47.8
106.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
48.1
35.1
40.8
°C/W
RθJB
Junction-to-board thermal resistance
48.5
27.8
51.1
°C/W
ψJT
Junction-to-top characterization parameter
10.0
20.1
3.8
°C/W
ψJB
Junction-to-board characterization parameter
47.9
27.7
50.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
TA = 25°C
1.9
2
IOH = –50 µA
TA = –40°C to 85°C
2 V
1.9
TA = –40°C to 125°C Recommended
1.9
TA = 25°C
2.9
3
IOH = –50 µA
TA = –40°C to 85°C
3 V
2.9
TA = –40°C to 125°C Recommended
2.9
TA = 25°C
4.4
4.5
VOH
IOH = –50 µA
TA = –40°C to 85°C
4.5 V
4.4
V
TA = –40°C to 125°C Recommended
4.4
TA = 25°C
2.58
IOH = –4 mA
TA = –40°C to 85°C
3 V
2.48
TA = –40°C to 125°C Recommended
2.48
TA = 25°C
3.94
IOH = –8 mA
TA = –40°C to 85°C
4.5 V
3.8
TA = –40°C to 125°C Recommended
3.8
TA = 25°C
0.1
IOL = 50 µA
TA = –40°C to 85°C
2 V
0.1
TA = –40°C to 125°C Recommended
0.1
TA = 25°C
0.1
IOL = 50 µA
TA = –40°C to 85°C
3 V
0.1
TA = –40°C to 125°C Recommended
0.1
TA = 25°C
0.1
VOL
IOL = 50 µA
TA = –40°C to 85°C
4.5 V
0.1
V
TA = –40°C to 125°C Recommended
0.1
TA = 25°C
0.36
IOL = 4 mA
TA = –40°C to 85°C
3 V
0.44
TA = –40°C to 125°C Recommended
0.44
TA = 25°C
0.36
IOL = 8 mA
TA = –40°C to 85°C
4.5 V
0.44
TA = –40°C to 125°C Recommended
0.44
TA = 25°C
±0.1
II
VI = 5.5 V or GND
TA = –40°C to 85°C
0 V to 5.5 V
±1
µA
TA = –40°C to 125°C Recommended
±1
TA = 25°C
±0.25
VI = VCC or GND,
TA = –40°C to 85°C
±2.5
IOZ
VO = VCC or GND,
QA – QH
5.5 V
μA
OE = VIH or VIL,
TA = –40°C to 125°C
±2.5
Recommended
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
Copyright © 1996–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74AHC595




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl