Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC541DW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC541DW
Description  Octal Buffers/Drivers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC541DW Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AHC541DW Datasheet HTML 7Page - Texas Instruments SN74AHC541DW Datasheet HTML 8Page - Texas Instruments SN74AHC541DW Datasheet HTML 9Page - Texas Instruments SN74AHC541DW Datasheet HTML 10Page - Texas Instruments SN74AHC541DW Datasheet HTML 11Page - Texas Instruments SN74AHC541DW Datasheet HTML 12Page - Texas Instruments SN74AHC541DW Datasheet HTML 13Page - Texas Instruments SN74AHC541DW Datasheet HTML 14Page - Texas Instruments SN74AHC541DW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Vcc
Unused Input
Input
Output
Input
Unused Input
Output
0
1
2
3
4
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
Time (ns)
A1
Y1
C001
SN74AHC541, SN54AHC541
www.ti.com
SCLS261O – OCTOBER 1995 – REVISED SEPTEMBER 2015
Typical Application (continued)
9.2.3 Application Curve
Vcc = 3.3 V, CL = 15 pF, TA = 25°C
Figure 4. Simulated Propagation Delay From Input (A1) to Output (Y1)
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
Recommended Operating Conditions table. Each VCC terminal should have a good bypass capacitor to prevent
power disturbance. For devices with a single supply, 0.1
μF is recommended. If there are multiple VCC terminals
then 0.01
μF or 0.022 μF is recommended for each power terminal. It is acceptable to parallel multiple bypass
caps to reject different frequencies of noise. A 0.1
μF and 1 μF are commonly used in parallel. The bypass
capacitor should be installed as close to the power terminal as possible for best results.
11 Layout
11.1 Layout Guidelines
When using multiple bit logic devices, inputs should not float. In many cases, functions or parts of functions of
digital logic devices are unused. Some examples are when only two inputs of a triple-input AND gate are used,
or when only 3 of the 4-buffer gates are used. Such input pins should not be left unconnected because the
undefined voltages at the outside connections result in undefined operational states. Specified in the Figure 5 are
rules that must be observed under all circumstances. All unused inputs of digital logic devices must be connected
to a high or low bias to prevent them from floating. The logic level that should be applied to any particular unused
input depends on the function of the device. Generally they will be tied to GND or VCC, whichever makes more
sense or is more convenient. It is acceptable to float outputs unless the part is a transceiver. If the transceiver
has an output enable pin, it will disable the outputs section of the part when asserted. This will not disable the
input section of the I/Os so they also cannot float when disabled.
11.2 Layout Example
Figure 5. Layout Diagram
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74AHC541 SN54AHC541


Similar Part No. - SN74AHC541DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC541DW TI-SN74AHC541DW Datasheet
100Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC541DW TI-SN74AHC541DW Datasheet
621Kb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC541DW TI-SN74AHC541DW Datasheet
745Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC541DWE4 TI-SN74AHC541DWE4 Datasheet
621Kb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC541DWE4 TI-SN74AHC541DWE4 Datasheet
745Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AHC541DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVCH244A TI-SN54LVCH244A_07 Datasheet
665Kb / 23P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS OCTAL BUFFERS/DRIVERS
SN54ALS241C TI1-SN54ALS241C_16 Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
SN54AHC540 TI1-SN54AHC540_15 Datasheet
1Mb / 27P
[Old version datasheet]   Octal Buffers/Drivers
SN54F244 TI1-SN54F244_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
logo
Maxwell Technologies
54BCT244 MAXWELL-54BCT244 Datasheet
186Kb / 9P
   Octal Buffers/Drivers
logo
Texas Instruments
SN74LV244A TI1-SN74LV244A_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal Buffers and Drivers
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com