Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHCT1G125DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT1G125DBVT
Description  Single Bus Buffer Gate With 3-State Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT1G125DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHCT1G125DBVT Datasheet HTML 1Page - Texas Instruments SN74AHCT1G125DBVT Datasheet HTML 2Page - Texas Instruments SN74AHCT1G125DBVT Datasheet HTML 3Page - Texas Instruments SN74AHCT1G125DBVT Datasheet HTML 4Page - Texas Instruments SN74AHCT1G125DBVT Datasheet HTML 5Page - Texas Instruments SN74AHCT1G125DBVT Datasheet HTML 6Page - Texas Instruments SN74AHCT1G125DBVT Datasheet HTML 7Page - Texas Instruments SN74AHCT1G125DBVT Datasheet HTML 8Page - Texas Instruments SN74AHCT1G125DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
A
Y
OE
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74AHCT1G125
SCLS378N – AUGUST 1997 – REVISED JANUARY 2016
SN74AHCT1G125 Single Bus Buffer Gate With 3-State Output
1
1 Features
1
Operating Range of 4.5 V to 5.5 V
Max tpd of 6 ns at 5 V
Low Power Consumption, 10-µA Max ICC
±8-mA Output Drive at 5 V
Inputs are TTL-Voltage Compatible
Latch-Up Performance Exceeds 250 mA
Per JESD 17
2 Applications
Wireless Infrastructure
Servers
Power Infrastructure
PCs/Notebooks
Programmable Logic Controllers
Tests and Measurements
3 Description
The SN74AHCT1G125 device is a single bus buffer
gate/line driver with 3-state output. The output is
disabled when the output-enable (OE) input is high.
When OE is low, data is passed from the A input to
the Y output.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74AHCT1G125
SOT-23 (5)
2.90 mm x 1.60 mm
SC-70 (5)
2.00 mm x 1.30 mm
SOT-553 (5)
1.65 mm x 1.20 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic


Similar Part No. - SN74AHCT1G125DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G125DBVT TI-SN74AHCT1G125DBVT Datasheet
574Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125DBVT TI1-SN74AHCT1G125DBVT Datasheet
1Mb / 28P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
More results

Similar Description - SN74AHCT1G125DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G126 TI1-SN74AUC1G126_07 Datasheet
559Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com