Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G74RSER Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G74RSER
Description  Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G74RSER Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AUP1G74RSER Datasheet HTML 7Page - Texas Instruments SN74AUP1G74RSER Datasheet HTML 8Page - Texas Instruments SN74AUP1G74RSER Datasheet HTML 9Page - Texas Instruments SN74AUP1G74RSER Datasheet HTML 10Page - Texas Instruments SN74AUP1G74RSER Datasheet HTML 11Page - Texas Instruments SN74AUP1G74RSER Datasheet HTML 12Page - Texas Instruments SN74AUP1G74RSER Datasheet HTML 13Page - Texas Instruments SN74AUP1G74RSER Datasheet HTML 14Page - Texas Instruments SN74AUP1G74RSER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
SN74AUP1G74
www.ti.com
SCES644D – MARCH 2006 – REVISED DECEMBER 2015
6.11 Switching Characteristics, CL = 30 pF
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4)
FROM
TO
PARAMETER
VCC
TA
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
0.8 V
TA = 25°C
21
TA = 25°C
50
1.2 V ± 0.1 V
TA = –40°C to 85°C
40
TA = 25°C
60
1.5 V ± 0.1 V
TA = –40°C to 85°C
50
fmax
TA = 25°C
75
MHz
1.8 V ± 0.15 V
TA = –40°C to 85°C
70
TA = 25°C
100
2.5 V ± 0.2 V
TA = –40°C to 85°C
90
TA = 25°C
100
3.3 V ± 0.3 V
TA = –40°C to 85°C
90
0.8 V
TA = 25°C
32
TA = 25°C
3
14
27
1.2 V ± 0.1 V
TA = –40°C to 85°C
5.9
27
TA = 25°C
3
10
17
1.5 V ± 0.1 V
TA = –40°C to 85°C
4.4
17.2
Q
TA = 25°C
3
8
13
1.8 V ± 0.15 V
TA = –40°C to 85°C
3.6
13.4
TA = 25°C
3
6
9
2.5 V ± 0.2 V
TA = –40°C to 85°C
3
9.2
TA = 25°C
3
5
7
3.3 V ± 0.3 V
TA = –40°C to 85°C
2.6
7.2
CLK
0.8 V
TA = 25°C
40
TA = 25°C
3
13
26
1.2 V ± 0.1 V
TA = –40°C to 85°C
5.5
25.9
TA = 25°C
3
9
16
1.5 V ± 0.1 V
TA = –40°C to 85°C
4.1
16.8
tpd
Q
TA = 25°C
3
7
13
ns
1.8 V ± 0.15 V
TA = –40°C to 85°C
3.5
13.2
TA = 25°C
3
5
9
2.5 V ± 0.2 V
TA = –40°C to 85°C
2.7
9.2
TA = 25°C
3
5
7
3.3 V ± 0.3 V
TA = –40°C to 85°C
2.4
7.2
0.8 V
TA = 25°C
38
TA = 25°C
3
13
26
1.2 V ± 0.1 V
TA = –40°C to 85°C
3
27
TA = 25°C
3
9
17
1.5 V ± 0.1 V
TA = –40°C to 85°C
3
17.4
PRE or CLR
Q or Q
TA = 25°C
3
8
13
1.8 V ± 0.15 V
TA = –40°C to 85°C
3
14
TA = 25°C
3
6
9
2.5 V ± 0.2 V
TA = –40°C to 85°C
3
10
TA = 25°C
3
5
7
3.3 V ± 0.3 V
TA = –40°C to 85°C
2.5
8
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74AUP1G74


Similar Part No. - SN74AUP1G74RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G74RSER TI-SN74AUP1G74RSER Datasheet
981Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results

Similar Description - SN74AUP1G74RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80_017 TI1-SN74AUP1G80_017 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com