Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP2G07DSFR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP2G07DSFR
Description  Low-Power Dual Buffer/Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G07DSFR Datasheet(HTML) 2 Page - Texas Instruments

  SN74AUP2G07DSFR Datasheet HTML 1Page - Texas Instruments SN74AUP2G07DSFR Datasheet HTML 2Page - Texas Instruments SN74AUP2G07DSFR Datasheet HTML 3Page - Texas Instruments SN74AUP2G07DSFR Datasheet HTML 4Page - Texas Instruments SN74AUP2G07DSFR Datasheet HTML 5Page - Texas Instruments SN74AUP2G07DSFR Datasheet HTML 6Page - Texas Instruments SN74AUP2G07DSFR Datasheet HTML 7Page - Texas Instruments SN74AUP2G07DSFR Datasheet HTML 8Page - Texas Instruments SN74AUP2G07DSFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
SN74AUP2G07
SCES748D – SEPTEMBER 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: SN74AUP2G07
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ..................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ...................... 5
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 6
6.6
Switching Characteristics, CL = 5 pF ........................ 7
6.7
Switching Characteristics, CL = 10 pF ...................... 7
6.8
Switching Characteristics, CL = 15 pF ...................... 7
6.9
Switching Characteristics, CL = 30 pF ..................... 7
6.10
Operating Characteristics........................................ 8
6.11
Typical Characteristics ............................................ 8
7
Parameter Measurement Information .................. 9
7.1
Propagation Delays, Setup and Hold Times, and
Pulse Duration ........................................................... 9
7.2
Enable and Disable Times ...................................... 10
8
Detailed Description ............................................ 11
8.1
Overview ................................................................. 11
8.2
Functional Block Diagram ....................................... 11
8.3
Feature Description................................................. 11
8.4
Device Functional Modes........................................ 11
9
Application and Implementation ........................ 12
9.1
Application Information............................................ 12
9.2
Typical Application ................................................. 12
10
Power Supply Recommendations ..................... 13
11
Layout................................................................... 13
11.1
Layout Guidelines ................................................. 13
11.2
Layout Example .................................................... 13
12
Device and Documentation Support ................. 14
12.1
Trademarks ........................................................... 14
12.2
Electrostatic Discharge Caution ............................ 14
12.3
Glossary ................................................................ 14
13
Mechanical, Packaging, and Orderable
Information ........................................................... 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (November 2014) to Revision D
Page
Changed the VCC pin TYPE From: "I" To: "—" in the Pin Functions table ............................................................................. 3
Added "Junction temperature" to the Absolute Maximum Ratings
(1) table ............................................................................ 4
Deleted the IOH High-level output current from the Recommended Operating Conditions table ........................................... 5
Deleted VOH PARAMETER from the Electrical Characteristics table, these specifications do not pertain to open drain
devices.................................................................................................................................................................................... 6
Changes from Revision B (September 2009) to Revision C
Page
Removed Ordering Information table. .................................................................................................................................... 1
Added Applications, Device Information table, Pin Functions table, Handling Ratings table, Thermal Information
table, Typical Characteristics, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section................................................................ 1
Updated Ioff in Features. ........................................................................................................................................................ 1


Similar Part No. - SN74AUP2G07DSFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G07DSFR TI1-SN74AUP2G07DSFR Datasheet
908Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74AUP2G07DSFR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G126 PHILIPS-74AUP2G126 Datasheet
102Kb / 19P
   Low-power dual buffer/line driver
Rev. 01-9 October 2006
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
logo
Nexperia B.V. All right...
74AUP2G241 NEXPERIA-74AUP2G241 Datasheet
309Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 9 - 1 December 2020
logo
NXP Semiconductors
74AUP2G125 NXP-74AUP2G125 Datasheet
121Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 06-27 November 2009
logo
Nexperia B.V. All right...
74AUP2G126 NEXPERIA-74AUP2G126 Datasheet
325Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 13 - 21 June 2022
logo
NXP Semiconductors
74AUP2G241 NXP-74AUP2G241 Datasheet
127Kb / 22P
   Low-power dual buffer/line driver; 3-state
Rev. 03-12 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com