Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP2G07DSFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP2G07DSFR
Description  Low-Power Dual Buffer/Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G07DSFR Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP2G07DSFR Datasheet HTML 1Page - Texas Instruments SN74AUP2G07DSFR Datasheet HTML 2Page - Texas Instruments SN74AUP2G07DSFR Datasheet HTML 3Page - Texas Instruments SN74AUP2G07DSFR Datasheet HTML 4Page - Texas Instruments SN74AUP2G07DSFR Datasheet HTML 5Page - Texas Instruments SN74AUP2G07DSFR Datasheet HTML 6Page - Texas Instruments SN74AUP2G07DSFR Datasheet HTML 7Page - Texas Instruments SN74AUP2G07DSFR Datasheet HTML 8Page - Texas Instruments SN74AUP2G07DSFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1A
1Y
2A
2Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74AUP2G07
SCES748D – SEPTEMBER 2009 – REVISED FEBRUARY 2016
SN74AUP2G07 Low-Power Dual Buffer/Driver With Open-Drain Outputs
1
1 Features
1
Low Static-Power Consumption
(ICC = 0.9 µA Maximum)
Low Dynamic-Power Consumption
(Cpd = 1 pF Typical at 3.3 V)
Low Input Capacitance (Ci = 1.5 pF Typical)
Low Noise – Overshoot and Undershoot
<10% of VCC
Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
Input Hysteresis Allows Slow Input Transition and
Better Switching Noise Immunity at the Input
(Vhys = 250 mV Typ at 3.3 V)
Wide Operating VCC Range of 0.8 V to 3.6 V
Optimized for 3.3-V Operation
3.6-V I/O Tolerant to Support Mixed-Mode Signal
Operation
tpd = 3.3 ns Maximum at 3.3 V
Suitable for Point-to-Point Applications
Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
ESD Performance Tested Per JESD 22
4500-V Human-Body Model
1500-V Charged-Device Model
2 Applications
Active Noise Cancellation (ANC)
Barcode Scanners
Blood Pressure Monitors
CPAP Machines
Cable Solutions
DLP 3D Machine Vision, Hyperspectral Imaging,
Optical Networking, and Spectroscopy
E-Books and Smartphones
Embedded PCs
Field Transmitters: Temperature or Pressure
Sensor
Fingerprint Biometrics
HVAC: Heating, Ventilating, and Air Conditioning
Network-Attached Storage (NAS)
Server Motherboards and PSUs
Software Defined Radios (SDR)
TVs: High-Definition (HDTV), LCD, and Digital
Video Communication Systems
Wireless Data Access Cards, Headsets,
Keyboards, Mice, and LAN Cards
X-ray: Baggage Scanners, Medical, and Dental
3 Description
The SN74AUP2G07 device is a dual buffer gate with
open drain output that operates from 0.8 V to
3.6 V.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74AUP2G07
SC70 (6)
3.00 mm x 1.25 mm
SON (6)
1.45 mm x 1.00 mm
SON (6)
1.00 mm x 1.00 mm
DSBGA (6)
1.16 mm x 0.76 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Block Diagram


Similar Part No. - SN74AUP2G07DSFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G07DSFR TI1-SN74AUP2G07DSFR Datasheet
908Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

Similar Description - SN74AUP2G07DSFR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G126 PHILIPS-74AUP2G126 Datasheet
102Kb / 19P
   Low-power dual buffer/line driver
Rev. 01-9 October 2006
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
logo
Nexperia B.V. All right...
74AUP2G241 NEXPERIA-74AUP2G241 Datasheet
309Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 9 - 1 December 2020
logo
NXP Semiconductors
74AUP2G125 NXP-74AUP2G125 Datasheet
121Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 06-27 November 2009
logo
Nexperia B.V. All right...
74AUP2G126 NEXPERIA-74AUP2G126 Datasheet
325Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 13 - 21 June 2022
logo
NXP Semiconductors
74AUP2G241 NXP-74AUP2G241 Datasheet
127Kb / 22P
   Low-power dual buffer/line driver; 3-state
Rev. 03-12 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com