Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G125DCKR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G125DCKR
Description  Low-Power Single Bus Buffer Gate With 3-State Output
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G125DCKR Datasheet(HTML) 3 Page - Texas Instruments

  SN74AUP1G125DCKR Datasheet HTML 1Page - Texas Instruments SN74AUP1G125DCKR Datasheet HTML 2Page - Texas Instruments SN74AUP1G125DCKR Datasheet HTML 3Page - Texas Instruments SN74AUP1G125DCKR Datasheet HTML 4Page - Texas Instruments SN74AUP1G125DCKR Datasheet HTML 5Page - Texas Instruments SN74AUP1G125DCKR Datasheet HTML 6Page - Texas Instruments SN74AUP1G125DCKR Datasheet HTML 7Page - Texas Instruments SN74AUP1G125DCKR Datasheet HTML 8Page - Texas Instruments SN74AUP1G125DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
OE
A
GND
A1
1
B1
2
C1
3
6 A2
5 B2
4 C2
V
DNU
CC
Y
OE
A
GND
A1
1
B1
2
C1
3
5 A2
4 C2
V
Y
CC
OE
1
A
2
3
GND
6
V
CC
5
N.C.
4
Y
OE
1
A
2
3
GND
5
VCC
4
Y
OE
1
6
2
A
5
3
GND
4
V
CC
N.C.
Y
OE
1
A
2
3
GND
5
VCC
4
Y
OE
1
A
2
3
GND
5
VCC
4
Y
SN74AUP1G125
www.ti.com
SCES595M – JULY 2004 – REVISED DECEMBER 2015
5 Device Comparison Table
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74AUP1G125DBV
SOT-23 (5)
2.90 mm x 1.60 mm
SN74AUP1G125DCK
SC70 (5)
2.00 mm x 1.30 mm
SN74AUP1G125DRL
SOT (5)
1.65 mm x 1.20 mm
SN74AUP1G125DRY
SON (6)
1.45 mm x 1.00 mm
SN74AUP1G125DSF
SON (6)
1.00 mm x 1.00 mm
SN74AUP1G125YFP
DSBGA (5)
0.76 mm x 1.16 mm
SN74AUP1G125YZP
DSBGA (5)
0.89 mm x 1.39 mm
6 Pin Configuration and Functions
DBV Package
DCK Package
5-Pin SOT-23
5-Pin SC70
Top View
Top View
DSF Package
6-Pin SON
Top View
DRL Package
5-Pin SOT
Top View
DRY Package
6-Pin SON
YZP or YZT Package
Top View
5-Pin DSBGA
Top View
YFP Package
5-Pin DSBGA
Top View
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74AUP1G125


Similar Part No. - SN74AUP1G125DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G125DCKR TI-SN74AUP1G125DCKR Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125DCKR TI-SN74AUP1G125DCKR Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125DCKR TI-SN74AUP1G125DCKR Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125DCKR TI1-SN74AUP1G125DCKR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125DCKR TI1-SN74AUP1G125DCKR Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
More results

Similar Description - SN74AUP1G125DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_101 TI-SN74AUP1G125_101 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com