Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC2T45DCTTG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AVC2T45DCTTG4
Description  2-Supply, Bus Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC2T45DCTTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AVC2T45DCTTG4 Datasheet HTML 2Page - Texas Instruments SN74AVC2T45DCTTG4 Datasheet HTML 3Page - Texas Instruments SN74AVC2T45DCTTG4 Datasheet HTML 4Page - Texas Instruments SN74AVC2T45DCTTG4 Datasheet HTML 5Page - Texas Instruments SN74AVC2T45DCTTG4 Datasheet HTML 6Page - Texas Instruments SN74AVC2T45DCTTG4 Datasheet HTML 7Page - Texas Instruments SN74AVC2T45DCTTG4 Datasheet HTML 8Page - Texas Instruments SN74AVC2T45DCTTG4 Datasheet HTML 9Page - Texas Instruments SN74AVC2T45DCTTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
SN74AVC2T45
SCES531K – DECEMBER 2003 – REVISED APRIL 2015
www.ti.com
6.4 Thermal Information
SN74AVC2T45
THERMAL METRIC(1)
DCT (SSOP)
DCU (VSSOP)
YZP (DSBGA)
UNIT
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
194.4
199.3
105.8
RθJC(top)
Junction-to-case (top) thermal resistance
124.7
76.2
1.6
RθJB
Junction-to-board thermal resistance
106.8
80.6
10.8
°C/W
ψJT
Junction-to-top characterization parameter
49.8
7.1
3.1
ψJB
Junction-to-board characterization parameter
105.8
80.1
10.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
(1) (2)
TA = 25°C
–40°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN
TYP
MAX
MIN
MAX
IOH = –100 μA
1.2 V to 3.6 V
1.2 V to 3.6 V
VCCO – 0.2 V
IOH = –3 mA
1.2 V
1.2 V
0.95
IOH = –6 mA
1.4 V
1.4 V
1.05
VOH
(3)
VI = VIH
V
IOH = –8 mA
1.65 V
1.65 V
1.2
IOH = –9 mA
2.3 V
2.3 V
1.75
IOH = –12 mA
3 V
3 V
2.3
IOL = 100 μA
1.2 V to 3.6 V
1.2 V to 3.6 V
0.2
IOL = 3 mA
1.2 V
1.2 V
0.25
IOL = 6 mA
1.4 V
1.4 V
0.35
VOL
(3)
VI = VIL
V
IOL = 8 mA
1.65 V
1.65 V
0.45
IOL = 9 mA
2.3 V
2.3 V
0.55
IOL = 12 mA
3 V
3 V
0.7
II
DIR
VI = VCCA or GND
1.2 V to 3.6 V
1.2 V to 3.6 V
±0.025
±0.25
±1
μA
A port
0 V
0 to 3.6 V
±0.1
±1
±5
Ioff
VI or VO = 0 to 3.6 V
μA
B port
0 to 3.6 V
0 V
±0.1
±1
±5
B port
0 V
3.6 V
±0.5
±2.5
±5
IOZ
VO = VCCO or GND,
μA
(3)
VI = VCCI or GND
A port
3.6 V
0 V
±0.5
±2.5
±5
1.2 V to 3.6 V
1.2 V to 3.6 V
10
ICCA
(3)
VI = VCCI or GND, IO = 0
0 V
3.6 V
–2
μA
3.6 V
0 V
10
1.2 V to 3.6 V
1.2 V to 3.6 V
10
ICCB
(3)
VI = VCCI or GND, IO = 0
0 V
3.6 V
10
μA
3.6 V
0 V
–2
ICCA + ICCB
VI = VCCI or GND, IO = 0
1.2 V to 3.6 V
1.2 V to 3.6 V
20
μA
(see Table 1)
Control
CI
VI = 3.3 V or GND
3.3 V
3.3 V
2.5
pF
inputs
A or B
Cio
VO = 3.3 V or GND
3.3 V
3.3 V
6
pF
port
(1)
VCCO is the voltage associated with the output port supply VCCA or VCCB.
(2)
VCCI is the voltage associated with the input port supply VCCA or VCCB.
(3)
VOH: Output High Voltage; VOL: Output Low Voltage; IOZ: Hi-Z Output Current; ICCA: Supply A Current; ICCB: Supply B Current
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: SN74AVC2T45


Similar Part No. - SN74AVC2T45DCTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC2T45DCTTG4 TI-SN74AVC2T45DCTTG4 Datasheet
634Kb / 24P
[Old version datasheet]   DUAL-BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVC2T45DCTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH2T45 TI1-SN74AVCH2T45_15 Datasheet
985Kb / 31P
[Old version datasheet]   2-Supply, Bus Transceiver with Configurable Level-Shifting
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX3245 STMICROELECTRONICS-74LVX3245_04 Datasheet
330Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC3245 STMICROELECTRONICS-74LVXC3245 Datasheet
345Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
74LVXC4245 STMICROELECTRONICS-74LVXC4245_04 Datasheet
344Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS_07 Datasheet
192Kb / 9P
   Dual Supply Octal Bus Transceiver
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com