Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G125DRYR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G125DRYR
Description  Low-Power Single Bus Buffer Gate With 3-State Output
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G125DRYR Datasheet(HTML) 2 Page - Texas Instruments

  SN74AUP1G125DRYR Datasheet HTML 1Page - Texas Instruments SN74AUP1G125DRYR Datasheet HTML 2Page - Texas Instruments SN74AUP1G125DRYR Datasheet HTML 3Page - Texas Instruments SN74AUP1G125DRYR Datasheet HTML 4Page - Texas Instruments SN74AUP1G125DRYR Datasheet HTML 5Page - Texas Instruments SN74AUP1G125DRYR Datasheet HTML 6Page - Texas Instruments SN74AUP1G125DRYR Datasheet HTML 7Page - Texas Instruments SN74AUP1G125DRYR Datasheet HTML 8Page - Texas Instruments SN74AUP1G125DRYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
SN74AUP1G125
SCES595M – JULY 2004 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description ............................................ 15
9.1
Overview ................................................................. 15
2
Applications ........................................................... 1
9.2
Functional Block Diagram ....................................... 15
3
Description ............................................................. 1
9.3
Feature Description................................................. 15
4
Revision History..................................................... 2
9.4
Device Functional Modes........................................ 15
5
Device Comparison Table..................................... 3
10
Application and Implementation........................ 16
6
Pin Configuration and Functions ......................... 3
10.1
Application Information.......................................... 16
7
Specifications......................................................... 4
10.2
Typical Application ............................................... 16
7.1
Absolute Maximum Ratings ...................................... 4
11
Power Supply Recommendations ..................... 17
7.2
ESD Ratings.............................................................. 4
12
Layout................................................................... 17
7.3
Recommended Operating Conditions ...................... 5
12.1
Layout Guidelines ................................................. 17
7.4
Thermal Information .................................................. 5
12.2
Layout Example .................................................... 17
7.5
Electrical Characteristics, TA = 25°C ........................ 6
13
Device and Documentation Support ................. 18
7.6
Electrical Characteristics, TA = –40°C to 85°C ......... 7
13.1
Documentation Support ........................................ 18
7.7
Switching Characteristics, CL = 5 pF ........................ 8
13.2
Community Resources.......................................... 18
7.8
Switching Characteristics, CL = 10 pF ...................... 9
13.3
Trademarks ........................................................... 18
7.9
Switching Characteristics, CL = 15 pF .................... 10
13.4
Electrostatic Discharge Caution ............................ 18
7.10
Switching Characteristics, CL = 30 pF .................. 11
13.5
Glossary ................................................................ 18
7.11
Operating Characteristics...................................... 12
14
Mechanical, Packaging, and Orderable
7.12
Typical Characteristics .......................................... 12
Information ........................................................... 18
8
Parameter Measurement Information ................ 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision L (February 2013) to Revision M
Page
Added Applications section, Device Information table, Pin Configuration and Functions section, ESD Ratings table,
Thermal Information table, Typical Characteristics section, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section ..................................... 1
Changes from Revision K (November 2012) to Revision L
Page
Changed Y to Y for pin 4 in DSF Package pin out ................................................................................................................ 3
2
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74AUP1G125


Similar Part No. - SN74AUP1G125DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G125DRYR TI-SN74AUP1G125DRYR Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125DRYR TI-SN74AUP1G125DRYR Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125DRYR TI1-SN74AUP1G125DRYR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125DRYR TI1-SN74AUP1G125DRYR Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125DRYR TI1-SN74AUP1G125DRYR Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
More results

Similar Description - SN74AUP1G125DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_101 TI-SN74AUP1G125_101 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com