Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G125YFPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G125YFPR
Description  Low-Power Single Bus Buffer Gate With 3-State Output
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G125YFPR Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1G125YFPR Datasheet HTML 1Page - Texas Instruments SN74AUP1G125YFPR Datasheet HTML 2Page - Texas Instruments SN74AUP1G125YFPR Datasheet HTML 3Page - Texas Instruments SN74AUP1G125YFPR Datasheet HTML 4Page - Texas Instruments SN74AUP1G125YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP1G125YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP1G125YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G125YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G125YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
SN74AUP1G125
SCES595M – JULY 2004 – REVISED DECEMBER 2015
SN74AUP1G125 Low-Power Single Bus Buffer Gate With 3-State Output
1 Features
3 Description
This bus buffer gate is a single line driver with a 3-
1
Available in the Texas Instruments NanoStar™
state output. The output is disabled when the output-
Package
enable (OE) input is high. This device has the input-
Low Static-Power Consumption
disable feature, which allows floating input signals.
(ICC = 0.9 μA Maximum)
To ensure the high-impedance state during power up
Low Dynamic-Power Consumption
or power down, OE should be tied to VCC through a
(Cpd = 4 pF Typical at 3.3 V)
pullup resistor; the minimum value of the resistor is
Low Input Capacitance (CI = 1.5 pF Typical)
determined by the current-sinking capability of the
driver.
Low Noise – Overshoot and Undershoot
< 10% of VCC
Device Information(1)
Input-Disable Feature Allows Floating Input
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Conditions
SOT-23 (5)
2.90 mm x 1.60 mm
Ioff Supports Partial-Power-Down Mode Operation
SC70 (5)
2.00 mm x 1.30 mm
Input Hysteresis Allows Slow Input Transition and
SOT (5)
1.65 mm x 1.20 mm
Better Switching Noise Immunity at Input
SN74AUP1G125
1.45 mm x 1.00 mm
SON (6)
Wide Operating VCC Range of 0.8 V to 3.6 V
1.00 mm x 1.00 mm
3.6-V I/O Tolerant to Support Mixed-Mode Signal
0.76 mm x 1.16 mm
Operation
DSBGA (5)
0.89 mm x 1.39 mm
tpd = 4.6 ns Maximum at 3.3 V
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
Audio Dock: Portable
BluRay™ Players and Home Theaters
Personal Digital Assistant (PDA)
Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
Solid-State Drive (SSD): Client and Enterprise
TV: LCD/Digital and High-Definition (HDTV)
Tablet: Enterprise
Wireless Headsets, Keyboards, and Mice
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74AUP1G125YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G125YFPR TI-SN74AUP1G125YFPR Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125YFPR TI-SN74AUP1G125YFPR Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125YFPR TI1-SN74AUP1G125YFPR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125YFPR TI1-SN74AUP1G125YFPR Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YFPR TI1-SN74AUP1G125YFPR Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
More results

Similar Description - SN74AUP1G125YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_101 TI-SN74AUP1G125_101 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com