Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVCH2T45DCTT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVCH2T45DCTT
Description  2-Supply, Bus Transceiver with Configurable Level-Shifting
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVCH2T45DCTT Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AVCH2T45DCTT Datasheet HTML 4Page - Texas Instruments SN74AVCH2T45DCTT Datasheet HTML 5Page - Texas Instruments SN74AVCH2T45DCTT Datasheet HTML 6Page - Texas Instruments SN74AVCH2T45DCTT Datasheet HTML 7Page - Texas Instruments SN74AVCH2T45DCTT Datasheet HTML 8Page - Texas Instruments SN74AVCH2T45DCTT Datasheet HTML 9Page - Texas Instruments SN74AVCH2T45DCTT Datasheet HTML 10Page - Texas Instruments SN74AVCH2T45DCTT Datasheet HTML 11Page - Texas Instruments SN74AVCH2T45DCTT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
SN74AVCH2T45
SCES582H – JULY 2004 – REVISED APRIL 2015
www.ti.com
Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
(1)(2)
TA = 25°C
–40°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
1.2 V
1.2 V
–50
1.6 V
1.6 V
–125
IBHHO
(7)
VI = 0 to VCC
1.95 V
1.95 V
–200
μA
2.7 V
2.7 V
–300
3.6 V
3.6 V
–500
A port
0 V
0 V to 3.6 V
±0.1
±1
±5
Ioff
(8)
VI or VO = 0 to 3.6 V
μA
B port
0 V to 3.6 V
0 V
±0.1
±1
±5
B port
0 V
3.6 V
±0.5
±2.5
±5
VO = VCCO or GND,
IOZ
(8)
VI = VCCI or GND
A port
3.6 V
0 V
±0.5
±2.5
±5
μA
1.2 V to 3.6 V
1.2 V to 3.6 V
10
ICCA
(8)
VI = VCCI or GND, IO = 0
0 V
3.6 V
–2
μA
3.6 V
0 V
10
1.2 V to 3.6 V
1.2 V to 3.6 V
10
ICCB
(8)
VI = VCCI or GND, IO = 0
0 V
3.6 V
10
μA
3.6 V
0 V
–2
ICCA + ICCB
VI = VCCI or GND, IO = 0
1.2 V to 3.6 V
1.2 V to 3.6 V
20
μA
Control
Ci
VI = 3.3 V or GND
3.3 V
3.3 V
2.5
pF
inputs
Cio
A or B port VI = 3.3 V or GND
3.3 V
3.3 V
6
pF
(7)
An external driver must sink at least IBHHO to switch this node from high to low.
(8)
Ioff: Partial Power Down Output current; IOZ: Hi-Z Output Current; ICCA: Supply A Current; ICCB: Supply B Current.
7.6 Switching Characteristics: VCCA = 1.2 V
over recommended operating free-air temperature range, VCCA = 1.2 V (see Figure 7)
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
tPLH
(1)
3.1
2.6
2.4
2.2
2.2
A
B
ns
tPHL
(1)
3.1
2.6
2.4
2.2
2.2
tPLH
(1)
3.4
3.1
3
2.9
2.9
B
A
ns
tPHL
(1)
3.4
3.1
3
2.9
2.9
tPHZ
(1)
5.2
5.2
5.1
5
4.8
DIR
A
ns
tPLZ
(1)
5.2
5.2
5.1
5
4.8
tPHZ
(1)
5
4
3.8
2.8
3.2
DIR
B
ns
tPLZ
(1)
5
4
3.8
2.8
3.2
tPZH
(1) (2)
8.4
7.1
6.8
5.7
6.1
DIR
A
ns
tPZL
(1) (2)
8.4
7.1
6.8
5.7
6.1
tPZH
(1) (2)
8.3
7.8
7.5
7.2
7
DIR
B
ns
tPZL
(1) (2)
8.3
7.8
7.5
7.2
7
(1)
tPLH: Low-to-high Propagation Delay; tPHL: High-to-Low Propagation Delay; tPHZ: High-to-Hi-Z Propagation Delay; tPLZ: Low-to-Hi-Z
Propagation Delay; tPZH: Hi-Z-to-High Propagation Delay; tPZL: Hi-Z-to-Low Propagation Delay
(2)
The enable time is a calculated value derived using the formula shown in the Enable Times section.
8
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74AVCH2T45


Similar Part No. - SN74AVCH2T45DCTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH2T45DCTT TI-SN74AVCH2T45DCTT Datasheet
418Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45DCTT TI-SN74AVCH2T45DCTT Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45DCTT TI1-SN74AVCH2T45DCTT Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
More results

Similar Description - SN74AVCH2T45DCTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AXC2T45 TI1-SN74AXC2T45 Datasheet
291Kb / 26P
[Old version datasheet]   SN74AXC2T45 2-Bit Bus Transceiver with Configurable Level-Shifting
SN74LXC2T45 TI-SN74LXC2T45 Datasheet
1Mb / 32P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED OCTOBER 2021
SN74LXC1T45 TI-SN74LXC1T45_V01 Datasheet
2Mb / 37P
[Old version datasheet]   SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V01 Datasheet
1Mb / 36P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
OCTOBER 2021
SN74LXC1T45 TI-SN74LXC1T45 Datasheet
1Mb / 30P
[Old version datasheet]   SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V02 Datasheet
1Mb / 39P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
MAY 2022
logo
Pericom Semiconductor C...
PI74STX2G4245 PERICOM-PI74STX2G4245 Datasheet
443Kb / 8P
   2-Bit Level Shifting Buffer/Transceiver with Configurable Dual Supply VoltageDIRB243A2B176
logo
Texas Instruments
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   SN74LXC2T45-Q1 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
JANUARY 2022
SN74AXCH2T45 TI1-SN74AXCH2T45 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AXCH2T45 2-Bit Bus Transceiver with Configurable Level-Shifting and Bus-Hold Inputs
SN74AVCH2T45 TI1-SN74AVCH2T45_18 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com