Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVCH2T45DCTT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVCH2T45DCTT
Description  2-Supply, Bus Transceiver with Configurable Level-Shifting
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVCH2T45DCTT Datasheet(HTML) 1 Page - Texas Instruments

  SN74AVCH2T45DCTT Datasheet HTML 1Page - Texas Instruments SN74AVCH2T45DCTT Datasheet HTML 2Page - Texas Instruments SN74AVCH2T45DCTT Datasheet HTML 3Page - Texas Instruments SN74AVCH2T45DCTT Datasheet HTML 4Page - Texas Instruments SN74AVCH2T45DCTT Datasheet HTML 5Page - Texas Instruments SN74AVCH2T45DCTT Datasheet HTML 6Page - Texas Instruments SN74AVCH2T45DCTT Datasheet HTML 7Page - Texas Instruments SN74AVCH2T45DCTT Datasheet HTML 8Page - Texas Instruments SN74AVCH2T45DCTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
B1
DIR
5
7
A1
2
VCCA
VCCB
B2
6
A2
3
1
8
VCCA
VCCB
GND
4
VCCA
VCCB
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74AVCH2T45
SCES582H – JULY 2004 – REVISED APRIL 2015
SN74AVCH2T45 2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and
Translation and 3-State Outputs
1 Features
3 Description
This 2-bit non-inverting bus transceiver uses two
1
Available in the Texas Instruments NanoFree™
separate configurable power-supply rails. The A ports
Package
are designed to track VCCA and accepts any supply
VCC Isolation
voltage from 1.2 V to 3.6 V. The B ports are designed
2-Rail Design
to track VCCB and accepts any supply voltage from
1.2 V to 3.6 V. This allows for universal low-voltage
I/Os are 4.6 V Tolerant
bidirectional translation and level-shifting between
Partial Power-Down-Mode Operation
any of the 1.2 V, 1.5 V, 1.8 V, 2.5 V, and 3.3 V
Bus Hold on Data Inputs
voltage nodes.
Maximum Data Rates
The SN74AVCH2T45 is designed for asynchronous
500 Mbps (1.8 V to 3.3 V)
communication between two data buses. The logic
levels of the direction-control (DIR pin) input activate
320 Mbps (< 1.8 V to 3.3 V)
either the B-port outputs or the A-port outputs. The
320 Mbps (Level-Shifting to 2.5 V or 1.8 V)
device transmits data from the A bus to the B bus
280 Mbps (Level-Shifting to 1.5 V)
when the B-port outputs are activated and from the B
bus to the A bus when the A-port outputs are
240 Mbps (Level-Shifting to 1.2 V)
activated. The SN74AVCH2T45 features active bus-
Latch-Up Performance Exceeds 100 mA Per
hold circuitry, which holds unused or un-driven inputs
JESD 78, Class II
at a valid logic state. TI does not recommend using
ESD Protection Exceeds JESD 22
pull-up or pull-down resistors with the bus-hold
circuitry.
2 Applications
Device Information(1)
Smartphone
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Servers
SSOP (8)
2.95 mm × 2.80 mm
Desktop PCs and Notebooks
SN74AVCH2T45
VSSOP (8)
2.30 mm × 2.00 mm
Other Portable Devices
DSBGA (8)
1.89 mm × 0.89 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74AVCH2T45DCTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH2T45DCTT TI-SN74AVCH2T45DCTT Datasheet
418Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45DCTT TI-SN74AVCH2T45DCTT Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45DCTT TI1-SN74AVCH2T45DCTT Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
More results

Similar Description - SN74AVCH2T45DCTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AXC2T45 TI1-SN74AXC2T45 Datasheet
291Kb / 26P
[Old version datasheet]   SN74AXC2T45 2-Bit Bus Transceiver with Configurable Level-Shifting
SN74LXC2T45 TI-SN74LXC2T45 Datasheet
1Mb / 32P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED OCTOBER 2021
SN74LXC1T45 TI-SN74LXC1T45_V01 Datasheet
2Mb / 37P
[Old version datasheet]   SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V01 Datasheet
1Mb / 36P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
OCTOBER 2021
SN74LXC1T45 TI-SN74LXC1T45 Datasheet
1Mb / 30P
[Old version datasheet]   SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V02 Datasheet
1Mb / 39P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
MAY 2022
logo
Pericom Semiconductor C...
PI74STX2G4245 PERICOM-PI74STX2G4245 Datasheet
443Kb / 8P
   2-Bit Level Shifting Buffer/Transceiver with Configurable Dual Supply VoltageDIRB243A2B176
logo
Texas Instruments
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   SN74LXC2T45-Q1 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
JANUARY 2022
SN74AXCH2T45 TI1-SN74AXCH2T45 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AXCH2T45 2-Bit Bus Transceiver with Configurable Level-Shifting and Bus-Hold Inputs
SN74AVCH2T45 TI1-SN74AVCH2T45_18 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com