Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVCH4T245RGYRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 74AVCH4T245RGYRG4
Description  4-Bit Dual-Supply Bus Transceiver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AVCH4T245RGYRG4 Datasheet(HTML) 4 Page - Texas Instruments

  74AVCH4T245RGYRG4 Datasheet HTML 1Page - Texas Instruments 74AVCH4T245RGYRG4 Datasheet HTML 2Page - Texas Instruments 74AVCH4T245RGYRG4 Datasheet HTML 3Page - Texas Instruments 74AVCH4T245RGYRG4 Datasheet HTML 4Page - Texas Instruments 74AVCH4T245RGYRG4 Datasheet HTML 5Page - Texas Instruments 74AVCH4T245RGYRG4 Datasheet HTML 6Page - Texas Instruments 74AVCH4T245RGYRG4 Datasheet HTML 7Page - Texas Instruments 74AVCH4T245RGYRG4 Datasheet HTML 8Page - Texas Instruments 74AVCH4T245RGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
1OE
2OE
1B1
1B2
2B1
2B2
1DIR
2DIR
1A1
1A2
2A1
2A2
1OE
V
CCB
1DIR
V
CCA
4
3
2
1
2B2
2A2
GND
GND
11
10
9
12
16 15 14 13
5
6
7
8
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCCA
1DIR
2DIR
1A1
1A2
2A1
2A2
GND
VCCB
1OE
2OE
1B1
1B2
2B1
2B2
GND
SN74AVCH4T245
SCES577E – JUNE 2004 – REVISED NOVEMBER 2015
www.ti.com
6 Pin Configuration and Functions
D, DGV, or PW Packages
RSV Package
16-Pin SOIC, TVSOP, or TSSOP
16-Pin UQFN
Top View
Top View
RGY Package
16-Pin VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
SOIC, TVSOP,
NAME
UQFN
TSSOP, VQFN
1A1
4
6
I/O
Input/output 1A1. Referenced to VCCA.
1A2
5
7
I/O
Input/output 1A2. Referenced to VCCA.
1B1
13
15
I/O
Input/output 1B1. Referenced to VCCB.
1B2
12
14
I/O
Input/output 1B2. Referenced to VCCB.
1DIR
2
4
I
Direction-control input for 1 ports
3-state output-mode enables. Pull OE high to place ‘1’ outputs in 3-state mode.
1OE
15
1
I
Referenced to VCCA.
2A1
6
8
I/O
Input/output 2A1. Referenced to VCCA.
2A2
7
9
I/O
Input/output 2A2. Referenced to VCCA.
2B1
11
13
I/O
Input/output 2B1. Referenced to VCCB.
2B2
10
12
I/O
Input/output 2B2. Referenced to VCCB.
2DIR
3
5
I
Direction-control input for 2 ports
3-state output-mode enables. Pull OE high to place 2 outputs in 3-state mode.
2OE
14
16
I
Referenced to VCCA.
GND
8, 9
10, 11
Ground
VCCA
1
3
A-port power supply voltage. 1.2 V
≤ VCCA ≤ 3.6 V
VCCB
16
2
B-port power supply voltage. 1.2 V
≤ VCCB ≤ 3.6 V
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74AVCH4T245


Similar Part No. - 74AVCH4T245RGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVCH4T245RGYRG4 TI-74AVCH4T245RGYRG4 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH4T245RGYRG4 TI-74AVCH4T245RGYRG4 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH4T245RGYRG4 TI-74AVCH4T245RGYRG4 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH4T245RGYRG4 TI-74AVCH4T245RGYRG4 Datasheet
650Kb / 20P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH4T245RGYRG4 TI1-74AVCH4T245RGYRG4 Datasheet
1Mb / 38P
[Old version datasheet]   4-Bit Dual-Supply Bus Transceiver With Configurable Level-Shifting, Voltage Translation, and 3-State Outputs
More results

Similar Description - 74AVCH4T245RGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC32T245 TI1-SN74AVC32T245_15 Datasheet
1Mb / 29P
[Old version datasheet]   32-Bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com