Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV125ANE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LV125ANE4
Description  Quadruple Bus Buffer Gates
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV125ANE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV125ANE4 Datasheet HTML 2Page - Texas Instruments SN74LV125ANE4 Datasheet HTML 3Page - Texas Instruments SN74LV125ANE4 Datasheet HTML 4Page - Texas Instruments SN74LV125ANE4 Datasheet HTML 5Page - Texas Instruments SN74LV125ANE4 Datasheet HTML 6Page - Texas Instruments SN74LV125ANE4 Datasheet HTML 7Page - Texas Instruments SN74LV125ANE4 Datasheet HTML 8Page - Texas Instruments SN74LV125ANE4 Datasheet HTML 9Page - Texas Instruments SN74LV125ANE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
SN74LV125A
SCES124N – DECEMBER 1997 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: SN74LV125A
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
–40°C to 85°C
–40°C to 125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
IOH = –50 µA
2 V to
5.5 V
VCC – 0.1
VCC – 0.1
VCC – 0.1
V
IOH = –2 mA
2.3 V
2
2
2
IOH = –8 mA
3 V
2.48
2.48
2.48
IOH = –16 mA
4.5 V
3.8
3.8
3.8
VOL
IOL = 50 µA
2 V to
5.5 V
0.1
0.1
0.1
V
IOL = 2 mA
2.3 V
0.4
0.4
0.4
IOL = 8 mA
3 V
0.44
0.44
0.44
IOL = 16 mA
4.5 V
0.55
0.55
0.55
II
VI = 5.5 V or GND
0 to
5.5 V
±1
±1
±1
µA
IOZ
VO = VCC or GND
5.5 V
±5
±5
±5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
20
20
µA
Ioff
VI or VO = 0 to 5.5
V
0
5
5
5
µA
Ci
VI = VCC or GND
3.3 V
1.6
pF
5 V
1.6
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
7.6 Switching Characteristics, VCC = 2.5 V ± 0.2 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
TA = 25°C
–40°C to 85°C
–40°C to 125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
CL = 15 pF
6.8(1)
13(1)
1
15.5
1
17
ns
ten
OE
Y
7(1)
13(1)
1
15.5
1
17
tdis
OE
Y
5.1(1) 14.7(1)
1
17
1
18
tpd
A
Y
CL = 50 pF
8.7
16.5
1
18.5
1
20
ns
ten
OE
Y
8.8
16.5
1
18.5
1
20
tdis
OE
Y
7.3
18.2
1
20.5
1
21.5
tsk(o)
2
2
2
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
7.7 Switching Characteristics, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range(unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
TA = 25°C
–40°C to 85°C
–40°C to 125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
CL = 15 pF
4.8(1)
8(1)
1
9.5
1
11
ns
ten
OE
Y
4.8(1)
8(1)
1
9.5
1
10.5
tdis
OE
Y
4.1(1)
9.7(1)
1
11.5
1
12.5
tpd
A
Y
CL = 50 pF
6.1
11.5
1
13
1
14.5
ns
ten
OE
Y
6.2
11.5
1
13
1
14
tdis
OE
Y
5.5
13.2
1
15
1
16
tsk(o)
1.5
1.5
1.5


Similar Part No. - SN74LV125ANE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV125ANE4 TI-SN74LV125ANE4 Datasheet
129Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV125ANE4 TI-SN74LV125ANE4 Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
SN74LV125ANE4 TI-SN74LV125ANE4 Datasheet
779Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV125ANE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
logo
Hitachi Semiconductor
HA74LS126A HITACHI-HA74LS126A Datasheet
49Kb / 6P
   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHCT125 UTC-U74AHCT125_15 Datasheet
238Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC126 UTC-U74AHC126_15 Datasheet
254Kb / 5P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54LV125A TI-SN54LV125A_07 Datasheet
806Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES
logo
Unisonic Technologies
U74LVC126A UTC-U74LVC126A_15 Datasheet
242Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54HC125 TI1-SN54HC125_15 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125_15 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74HCT125 UTC-U74HCT125_15 Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com