Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV4046ANS Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4046ANS
Description  High-Speed CMOS Logic Phase-Locked Loop
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4046ANS Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LV4046ANS Datasheet HTML 5Page - Texas Instruments SN74LV4046ANS Datasheet HTML 6Page - Texas Instruments SN74LV4046ANS Datasheet HTML 7Page - Texas Instruments SN74LV4046ANS Datasheet HTML 8Page - Texas Instruments SN74LV4046ANS Datasheet HTML 9Page - Texas Instruments SN74LV4046ANS Datasheet HTML 10Page - Texas Instruments SN74LV4046ANS Datasheet HTML 11Page - Texas Instruments SN74LV4046ANS Datasheet HTML 12Page - Texas Instruments SN74LV4046ANS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
0
DEMOUT
180°
360°
1/2 VCC
VDEMOUT(AV)
VCC
φ
VCC
VDEMOUT (AV)
1/2 VCC
0
φDEMOUT
–360°
360°
VCC
VDEMOUT (AV)
1/2 VCC
0
φDEMOUT
–360°
360°
SN74LV4046A
www.ti.com
SCES656D – FEBRUARY 2006 – REVISED SEPTEMBER 2015
6.7 Typical Characteristics
Phase Comparator 1:
Phase Comparator 2:
VDEMOUT = VPC1OUT = (VCC/π) (SIGIN – COMPIN);
VDEMOUT = VPC2OUT = (VCC/4) (SIGIN – COMPIN);
DEMOUT = (SIGIN – COMPIN)
DEMOUT = (SIGIN – COMPIN)
Figure 6. Average Output Voltage vs Input Phase Difference
Figure 7. Average Output Voltage vs Input Phase Difference
Phase Comparator 3:
VDEMOUT = VPC3OUT = (VCC/2π) (SIGIN – COMPIN);
DEMOUT = (SIGIN – COMPIN)
Figure 8. Average Output Voltage vs Input Phase Difference
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LV4046A


Similar Part No. - SN74LV4046ANS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4046ANS TI-SN74LV4046ANS Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046ANS TI-SN74LV4046ANS Datasheet
536Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046ANS TI-SN74LV4046ANS Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046ANSG4 TI-SN74LV4046ANSG4 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046ANSR TI-SN74LV4046ANSR Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
More results

Similar Description - SN74LV4046ANS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC297 TI1-CD74HC297 Datasheet
255Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked-Loop
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_08 Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_08 Datasheet
536Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_07 Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com